Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010WAS Datasheet(PDF) 1 Page - Emerson Network Power

Part # PTH12010WAS
Description  DC-DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12010WAS Datasheet(HTML) 1 Page - Emerson Network Power

  PTH12010WAS Datasheet HTML 1Page - Emerson Network Power PTH12010WAS Datasheet HTML 2Page - Emerson Network Power PTH12010WAS Datasheet HTML 3Page - Emerson Network Power PTH12010WAS Datasheet HTML 4Page - Emerson Network Power PTH12010WAS Datasheet HTML 5Page - Emerson Network Power PTH12010WAS Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
PTH12010
12 Vin
Single Output
Special Features
• 12Aoutputcurrent
• 12Vinputvoltage
• Wide-outputvoltageadjust
•1.2Vdcto5.5Vdcfor
suffix‘W’and0.8Vdc
to1.8Vdcforsuffix‘L’
• Auto-track™sequencing*
• Marginup/downcontrols
• Efficienciesupto94%
• OutputON/OFFinhibit
• Outputvoltagesense
• Point-of-Load-Alliance(POLA)
compatible
• AvailableRoHScompliant
• 2YearWarranty
Total Power:
66W
# of Outputs:
Single
Safety
UL/cULCAN/CSA-C22.2
No.60950-1-03/UL60950-1,
FileNo.E174104
TÜVProductService
(EN60950)CertificateNo.
B040638572044
CBReportandCertificate
toIEC60950,CertificateNo.
US/8292/UL
•
•
•
Rev.2.16.09_115
PTH12010Series
1of6
Input
Inputvoltagerange:
(SeeNote3)
10.8-13.2Vdc
Inputcurrent:
Noload
10mAtyp.
RemoteON/OFF:
(SeeNote1)
Positivelogic
Start-uptime:
1V/ms
Undervoltagelockout:
9.0-9.5Vtyp.
Trackinputvoltage:
Pin8(SeeNote6)
±0.3Vin
Output
Voltageadjustability:
(SeeNote4)
Suffix‘-W’
Suffix‘-L’
1.2-5.5Vdc
0.8-1.8Vdc
Setpointaccuracy:
±2.0%Vo
Lineregulation:
±10mVtyp.
Loadregulation:
±12mVtyp.
Totalregulation:
±3.0%Vo
Minimumload:
0A
Rippleandnoise:
20MHzbandwidth
25mVpk-pk
Temperatureco-efficient:
-40°Cto+85°C
±0.5%Vo
Transientresponse:
(SeeNote5)
70µsrecoverytime
Overshoot/undershoot100mV
Marginadjustment:
±5.0%Vo
Specifications
Allspecificationsaretypicalatnominalinput,fullloadat25°Cunlessotherwisestated
Cin=560µF,Cout=0µF
*Auto-track™isatrademarkof
TexasInstruments


Similar Part No. - PTH12010WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12010WAS TI-PTH12010WAS Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Artesyn Technologies
PTH12010WAS ARTESYN-PTH12010WAS Datasheet
219Kb / 5P
DC-DC CONVERTERS POLA Non-isolated
logo
Texas Instruments
PTH12010WAS TI2-PTH12010WAS Datasheet
1,002Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED FEBRUARY 2007
PTH12010WAS.B TI2-PTH12010WAS.B Datasheet
1,002Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
REVISED FEBRUARY 2007
PTH12010WAST TI-PTH12010WAST Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH12010WAS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com