Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12010WAS Datasheet(PDF) 3 Page - Emerson Network Power

Part # PTH12010WAS
Description  DC-DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12010WAS Datasheet(HTML) 3 Page - Emerson Network Power

  PTH12010WAS Datasheet HTML 1Page - Emerson Network Power PTH12010WAS Datasheet HTML 2Page - Emerson Network Power PTH12010WAS Datasheet HTML 3Page - Emerson Network Power PTH12010WAS Datasheet HTML 4Page - Emerson Network Power PTH12010WAS Datasheet HTML 5Page - Emerson Network Power PTH12010WAS Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev.2.16.09_115
PTH12010Series
3of6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
P T H 1 2 0 1 0 W A S T
Part Number System with Options
Product Family
PointofLoadAlliance
Compatible
Theultra-wideoutputvoltagetrimrangeoffersmajoradvantagestouserswho
selectthePTH12010.Itisnolongernecessarytopurchaseavarietyofmodules
inordertocoverdifferentoutputvoltages.Theoutputvoltagecanbetrimmedin
arangeof1.2Vto5.5Vforsuffix‘W’and0.8Vdcto1.8Vdcforsuffix‘L’.When
thePTH12010converterleavesthefactorytheoutputhasbeenadjustedtothe
defaultvoltageof1.2VforthePTH12010Wand0.8VforPTH12010L.
Output Voltage Adjustment of the PTH12010 Series
Output Current
01=12A
Packaging Options
NoSuffix=Trays
T=TapeandReel(7)
Input Voltage
12=12V
Mechanical Package
Always0
Output Voltage Code
W=Wide,L=LowVoltage
Pin Option
A=Through-HoleStd.PinLength(0.140”)
A=Surface-MountTin/LeadSolderBall
Mounting Option (8)
D=HorizontalThrough-Hole(RoHS6/6)
H= HorizontalThrough-Hole(RoHS5/6)
S= Surface-MountSolderBall(RoHS5/6)
Z= Surface-MountSolderBall(RoHS6/6)
Ordering Information
Output Power
(max)
Input
Voltage
Output
Voltage
Output Currents
Efficiency
(max)
Regulation
Model Numbers
odel Numbers (8, 9)
Min
Max
Line
Load
66W
10.8-13.2Vdc
0.8-1.8Vdc
0A
12A
89%
±10mV
±12mV
PTH12010L
66W
10.8-13.2Vdc
1.2-5.5Vdc
0A
12A
94%
±10mV
±12mV
PTH12010W
EfficiencyTable-PTH12010W(IO=8A)
OutputVoltage
Efficiency
Vo=5.0V
94%
Vo=3.3V
93%
Vo=2.5V
91%
Vo=2.0V
90%
Vo=1.8V
89%
Vo=1.5V
88%
Vo=1.2V
86%
EfficiencyTable-PTH12010L(IO=8A)
OutputVoltage
Efficiency
Vo=1.8V
89%
Vo=1.5V
88%
Vo=1.2V
86%
Vo=1.0V
84%
Vo=0.8V
82%
Notes
1 RemoteON/OFF.PositiveLogic
ON:
Pin3open;orV>Vin-0.5V
OFF:
Pin3GND;orV<0.8V(min-0.2V).
2 SeeFigures1,2and3forsafeoperatingcurvesforthePTH12010Wand
Figures6and7forPTH12010L.
3 A560µFelectrolyticinputcapacitorisrequiredforproperoperation.The
capacitormustberatedforaminimumof800mArmsofripplecurrent.
4 Anexternaloutputcapacitorisnotrequiredforbasicoperation.Adding330
µFofdistributedcapacitanceattheloadwillimprovethetransientresponse.
5 1A/µsloadstep,50to100%Iomax,Cout=330µF.
6 IfutilizedVoutwilltrackappliedvoltageby±0.3V(uptoVosetpoint).
7 Tapeandreelpackagingonlyavailableonthesurface-mountversions.
8 ToorderPb-free(RoHScompatible)surface-mountpartsreplacethe
mountingoption‘S’with‘Z’,e.g.PTH12010WAZ.ToorderPb-free(RoHS
compatible)through-holepartsreplacethemountingoption‘H’with‘D’,e.g.
PTH12010WAD.
9 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontactyourlocal
EmersonNetworkpowerrepresentativeorusetheon-linemodelnumbersearch
toolathttp://www.PowerConversion.comtofindasuitablealternative.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com