Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12050WAS Datasheet(PDF) 2 Page - Emerson Network Power

Part # PTH12050WAS
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12050WAS Datasheet(HTML) 2 Page - Emerson Network Power

  PTH12050WAS Datasheet HTML 1Page - Emerson Network Power PTH12050WAS Datasheet HTML 2Page - Emerson Network Power PTH12050WAS Datasheet HTML 3Page - Emerson Network Power PTH12050WAS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
File Name: pth12050.pdf Rev: 6 Nov 2006
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated22
NEW Product
N
No
otte
es
s
1
Remote ON/OFF. Positive Logic
ON:
Pin 3 open; or V > Vin - 0.5 V
OFF:
Pin 3 GND; or V < 0.8 V (min - 0.2 V).
2
See Figure 1 for safe operating curve.
3
A 100 µF electrolytic input capacitor is required for proper operation. The
capacitor must be rated for a minimum of 750 mA rms of ripple current.
C2 = 10 µF ceramic capacitor, required for output voltages of 3.3 V and
higher.
4
An external output capacitor is not required for basic operation. Adding
100 µF of distributed capacitance at the load will improve the transient
response.
5
1 A/µs load step, 50 to 100% Iomax, Cout = 100 µF.
6
If utilized Vout will track applied voltage by ±0.3 V (up to Vo set point).
7
Tape and reel packaging only available on the surface-mount versions.
8
The pk-pk output ripple voltage is measured with an external 10µF
ceramic capacitor. See Figure 3 Standard application schematic.
9
To order Pb-free (RoHS compatible) surface-mount parts replace the
mounting option ‘S’ with ‘Z’, e.g. PTH12050WAZ. To order Pb-free
(RoHS compatible) through-hole parts replace the mounting option ‘H’
with ‘D’, e.g. PTH12050WAD.
10 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
PTH12050W AST
Part Number System with Options
Product Family
Point of Load Alliance
Compatible
The ultra-wide output voltage trim range offers major advantages to users who
select the PTH12050. It is no longer necessary to purchase a variety of modules
in order to cover different output voltages. The output voltage can be trimmed
in a range of 1.2 V to 5.5 V for suffix ‘-W’ and 0.8 V to 1.8 V for suffix ‘-L’.
When the PTH12050 converter leaves the factory the output has been adjusted
to the default voltage of 1.2 V for the PTH12050W and 0.8V for the
PTH12050L.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e P
PT
TH
H1
12
20
05
50
0 S
Se
erriie
es
s
Output Current
05 = 6 A
Input Voltage
12 = 12 V
Mechanical Package
Always 0
PTH12050
12 Vin single output
Packaging Options
No Suffix = Trays
T = Tape and Reel (7)
Pin Option
A = Through-Hole Std. Pin Length (0.140”)
A = Surface-Mount Tin/Lead Solder Ball
Output Voltage Code
W = Wide. L = Low Voltage
EFFICIENCY TABLE - PTH12050L (IO = 5 A)
OUTPUT VOLTAGE
EFFICIENCY
Vo = 1.8 V
88%
Vo = 1.5 V
87%
Vo = 1.2 V
85%
Vo = 1.0 V
83%
Vo = 0.8 V
81%
EFFICIENCY TABLE - PTH12050W (IO = 5 A)
OUTPUT VOLTAGE
EFFICIENCY
Vo = 5.0 V
93%
Vo = 3.3 V
91%
Vo = 2.5 V
89%
Vo = 2.0 V
88%
Vo = 1.8 V
87%
Vo = 1.5 V
86%
Vo = 1.2 V
84%
Mounting Option (9)
D = Horizontal Through-Hole (Matte Sn)
H = Horizontal Through-Hole (Sn/Pb)
S = Surface-Mount (63/37 Sn/Pb
pin solder material)
Z = Surface-Mount (96.5/3.0/0.5 Sn/Ag/Cu
pin solder material)
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(MAX.)
LINE
LOAD
NUMBER
(9,10)
(MAX.)
(MIN.)
(MAX.)
33 W
10.8-13.2 Vdc
0.8-1.8 Vdc
0 A
6 A
88%
±5 mV
±5 mV
PTH12050L
33 W
10.8-13.2 Vdc
1.2-5.5 Vdc
0 A
6 A
93%
±5 mV
±5 mV
PTH12050W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com