Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12050WAS Datasheet(PDF) 3 Page - Emerson Network Power

Part # PTH12050WAS
Description  DC-DC CONVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12050WAS Datasheet(HTML) 3 Page - Emerson Network Power

  PTH12050WAS Datasheet HTML 1Page - Emerson Network Power PTH12050WAS Datasheet HTML 2Page - Emerson Network Power PTH12050WAS Datasheet HTML 3Page - Emerson Network Power PTH12050WAS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
POLA Non-isolated
3
NEW Product
File Name: pth12050.pdf Rev: 6 Nov 2006
PTH12050
12 Vin single output
0
1
2
3
456
20
30
40
50
60
80
400 LFM
200 LFM
100 LFM
Nat Conv
90
70
OUTPUT CURRENT (A)
RSET 0.5%, 0.1W
(Required)
PTH12050
(Top View)
4
5
1
2
3
6
Auto-track
GND
GND
Vin
Cin 100
µF
(Required) +
Inhibit
+
Cout 100
µF
(Optional)
Vout
Figure 1 - Safe Operating Area for PTH12050W
Vin = 12 V, Output Voltage = 3.3 V (See Note A)
Figure 5 - Standard Application - All Models
N
No
otte
es
s
A
SOA curves represent the conditions at which internal components are
within the Artesyn derating guidelines.
B
Characteristic data has been developed from actual products tested at
25 °C. This data is considered typical data for the converter.
OUTPUT CURRENT (A)
60
65
75
85
80
95
100
0
123
4
56
5.0V
3.3V
2.5V
2.0V
1.8V
Vout
70
90
1.5V
1.2V
Figure 2 - Efficiency vs Load Current for PTH12050W
Vin = 12 V (See Note B)
PTH12050W Characteristic Data
0
12
3
45
6
20
30
40
50
60
80
100 LFM
Nat Conv
90
70
OUTPUT CURRENT (A)
Figure 3 - Safe Operating Area for PTH12050L
Vin = 12 V, Output Voltage ≤ 1.8 V (See Note A)
OUTPUT CURRENT (A)
1.8V
1.5V
1.2V
1.0V
0.8V
50
60
70
80
90
100
0
1
234
5
Vout
6
Figure 4 - Efficiency vs Load Current for PTH12050L
Vin = 12 V (See Note B)
PTH12050L Characteristic Data



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com