Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQN20A48S12V-RJ Datasheet(PDF) 1 Page - Emerson Network Power

Part # TQN20A48S12V-RJ
Description  Quarter-brick narrow input IBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TQN20A48S12V-RJ Datasheet(HTML) 1 Page - Emerson Network Power

  TQN20A48S12V-RJ Datasheet HTML 1Page - Emerson Network Power TQN20A48S12V-RJ Datasheet HTML 2Page - Emerson Network Power TQN20A48S12V-RJ Datasheet HTML 3Page - Emerson Network Power TQN20A48S12V-RJ Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This series is a new, high efficiency, Quarter-Brick, isolated,
Intermediate Bus Converter series that provides up to 300 Watts of
output power. The series is designed to convert 48 Volts ±10% to a
loosely regulated 12 Volts at full rated load up to 25 A and
efficiencies up to 96%. This converter is available in four package
types, standard quarter-brick through-hole, through-hole vertical,
standard quarter-brick surface-mount, and quarter-brick
surface-mount solder ball. In addition, this series features remote
ON/OFF, no-load operation, input undervoltage protection as well
as output overvoltage and overcurrent protection.
Embedded Power for
Business-Critical Continuity
Quarter-Brick
Series
Narrow Input IBC
Special Features
• 48 V input with isolated
12 V output
• Efficiencies up to 96%
• Open loop regulation
• Fully rated 240 W @ 70 °C,
200 LFM
• Overcurrent protection
• Operates with no load
• Auto restart after fault
condition
• Remote ON/OFF
• Parallelable
• Over-temperature protection
• Available RoHS compliant
• 2 Year Warranty
Total Power:
240 -300W
Input Voltage: 48VDC
# of Outputs:
Single
Rev.04.02.08
Quarter-brick narrow input IBC
1 of 4
Safety
UL/cUL : CAN/CSA 22.2
No. 60950
UL 60950 File No. E139421
TÜV Product Service (EN60950)
Certificate No.
B03 04 19870213


Similar Part No. - TQN20A48S12V-RJ

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
TQN20A48S12J ARTESYN-TQN20A48S12J Datasheet
112Kb / 4P
Narrow Input IBC
More results

Similar Description - TQN20A48S12V-RJ

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS038YD POWER-ONE-QBS038YD Datasheet
250Kb / 3P
Quarter-Brick
logo
Emerson Network Power
ALQ40 EMERSON-NETWORKPOWER-ALQ40 Datasheet
97Kb / 2P
High Efficiency Quarter Brick
AEQ42B50 EMERSON-NETWORKPOWER-AEQ42B50 Datasheet
1Mb / 3P
Quarter-Brick Series
IBC32 EMERSON-NETWORKPOWER-IBC32 Datasheet
268Kb / 3P
5:1 Eighth-Brick IBC
LQD40A48 EMERSON-NETWORKPOWER-LQD40A48 Datasheet
287Kb / 3P
Quarter-Brick Series
LQS EMERSON-NETWORKPOWER-LQS Datasheet
145Kb / 4P
Quarter-Brick Series
ALD13B50 EMERSON-NETWORKPOWER-ALD13B50 Datasheet
578Kb / 3P
1/16th Brick IBC Series
AGQ150-48S05 EMERSON-NETWORKPOWER-AGQ150-48S05 Datasheet
327Kb / 13P
48Vdc Input, 5Vdc 30A Output Quarter-brick
logo
Artesyn Technologies
TQW14A-48S12-RJ ARTESYN-TQW14A-48S12-RJ Datasheet
308Kb / 4P
Wide Input IBC
TQN20A48S12J ARTESYN-TQN20A48S12J Datasheet
112Kb / 4P
Narrow Input IBC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com