Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQN20A48S12V-RJ Datasheet(PDF) 3 Page - Emerson Network Power

Part # TQN20A48S12V-RJ
Description  Quarter-brick narrow input IBC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

TQN20A48S12V-RJ Datasheet(HTML) 3 Page - Emerson Network Power

  TQN20A48S12V-RJ Datasheet HTML 1Page - Emerson Network Power TQN20A48S12V-RJ Datasheet HTML 2Page - Emerson Network Power TQN20A48S12V-RJ Datasheet HTML 3Page - Emerson Network Power TQN20A48S12V-RJ Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.04.02.08
Quarter-brick narrow input IBC
3 of 4
Embedded Power for
Business-Critical Continuity
Specifications Contd.
RATED
INPUT
OUTPUT
INPUT
OUTPUT
OVER
EFFICIENCY
MODEL
OUTPUT
VOLTAGE
VOLTAGE
CURRENT
CURRENT
CURRENT
HALF/FULL LOAD
NUMBER
(9,10)
POWER
(MAX)
(MAX.)
SETPOINT
240 W
43.2-52.8 Vdc
12 V
6 A
20 A
25 A
96%/95% (typ.)
TQN20A48S12J
300 W
43.2-52.8 Vdc
12 V
7 A
25 A
29 A
96%/95% (typ.)
TQN25A48S12J
TQN25A48S12SB -RJ
Part Number System with Options
Nominal Input Voltage
48 = 48 Volts
Number of Outputs
S = Single Output
Nominal Output Voltage
12 = 12 Volts
Type of Input Voltage Range
N = Narrow (±10%)
Output Current
20A = 20 Amps
25A = 25 Amps
Package
Q - Standard Quarter-Brick
Product Family
T = Intermediate Bus Converter
Remote ON/OFF Logic
No Suffix = Positive
Suffix ‘R’ = Negative
RoHS Compliance(9)
J = Pb-free (RoHS 6/6 compliant)
Mounting Options
No Suffix = Through Hole Horizontal
V = Through Hole Vertical (8)
S = Surface Mount Standard (8)
SB = Surface Mount Solder Ball (8)
Notes
1
Measured as per recommended set-up. See Application Note 140 for details.
2
di/dt = 10 A/μs, Vin = 48 Vdc, Tc = 25
°C, load change = 50% lo max. to 75% lo
max. and 75% lo max. to 50% lo max.
3
Measured with external filter. See Application Note 140 for details.
4
Start-up into resistive load.
5
The Quarter-Brick Narrow Input series of converters meet levels A and B
conducted emissions with external components. See Application Note 140
for details.
6
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
7
Use of additional high quality ceramic output capacitors is recommended in
the end system.
8
Consult factory for availability.-
9
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
10 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
PROTECTION
Short-circuit
Continuous foldback
Over-temperature
Auto restart
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
390 μF/20 mW ESR max.
Output capacitance
(See Note 7)
270 μF/10 mW ESR max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com