Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFB300 Datasheet(PDF) 1 Page - Emerson Network Power

Part # RFB300
Description  high efficiency, enclosed, isolated dc-dc converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFB300 Datasheet(HTML) 1 Page - Emerson Network Power

  RFB300 Datasheet HTML 1Page - Emerson Network Power RFB300 Datasheet HTML 2Page - Emerson Network Power RFB300 Datasheet HTML 3Page - Emerson Network Power RFB300 Datasheet HTML 4Page - Emerson Network Power RFB300 Datasheet HTML 5Page - Emerson Network Power RFB300 Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RFB300/350 series is a high efficiency, enclosed, isolated dc-dc
converter series in an industry standard half-brick package that
provides up to 350 W of output power. The series delivers very
high usable output power for today’s high performance RF power
amplifier and similar applications. The four models in the series
feature an input voltage range of 18 Vdc to 36 Vdc and 36 Vdc to
75 Vdc and an output voltage of 12 V and 28 V. The output voltage
is adjustable from 7.2 Vdc to 13.2 Vdc or 16.8 Vdc to 29.4 Vdc (not
to exceed 308 W for the RFB300 [300 W for the RFB300-24S12]
and 350 W for the RFB350). The series also has a remote ON/OFF
capability. Overcurrent, overvoltage and overtemperature
protection features are included as standard. Negative logic
remote ON/OFF and other options are also available. Full
international safety approval including EN/IEC60950 VDE and
UL/cUL60950 reduces compliance costs and time to market.
Embedded Power for
Business-Critical Continuity
RFB300/350
Series
Single Output
Special Features
• High efficiency topology
• Wide temperature range,
-40 °C to +100 °C @ full power
• High power density
(160 W/in3 in 0.4” tall version)
• Input voltage range:
18-36 Vdc or 36-75 Vdc
• Output voltage range:
7.2-13.2 Vdc or 16.8-29.4 Vdc
• Remote ON/OFF
• Operational insulation system
• Available RoHS compliant
• 2 Year Warranty
Total Power:
300 - 350W
Input Voltage: 18 - 36 Vdc
36 - 75 Vdc
# of Outputs:
Single
Rev.11.26.07
rfb300/350
1 of 6
Safety
UL/cUL CAN/CSA 22.2
No. 60950
File No. E135734
VDE0805/EN60950/IEC950
File No. 10401-3336-0198
Licence No. 40005395


Similar Part No. - RFB300

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
DC-DC CONVERTERS 300-350 W Half-Brick
RFB300-24S12-4TY ARTESYN-RFB300-24S12-4TY Datasheet
639Kb / 5P
DC-DC CONVERTERS 300-350 W Half-Brick
RFB300-24S12-4Y ARTESYN-RFB300-24S12-4Y Datasheet
639Kb / 5P
DC-DC CONVERTERS 300-350 W Half-Brick
RFB300-24S12-5TY ARTESYN-RFB300-24S12-5TY Datasheet
639Kb / 5P
DC-DC CONVERTERS 300-350 W Half-Brick
RFB300-24S12-5Y ARTESYN-RFB300-24S12-5Y Datasheet
639Kb / 5P
DC-DC CONVERTERS 300-350 W Half-Brick
More results

Similar Description - RFB300

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
Dual Output, High Efficiency, Isolated DC/DC Converter
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
High Efficiency, Isolated DC/DC Converter, with Baseplate
PQ48015QNA25 SYNQOR-PQ48015QNA25 Datasheet
707Kb / 13P
High Efficiency, No Heatsink, Isolated DC/DC Converter
logo
Artesyn Technologies
RFB300-24S12Y ARTESYN-RFB300-24S12Y_07 Datasheet
366Kb / 6P
RFB300/350 series is a high efficiency, enclosed, isolated dc-dc converter series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com