Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFB300 Datasheet(PDF) 3 Page - Emerson Network Power

Part # RFB300
Description  high efficiency, enclosed, isolated dc-dc converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFB300 Datasheet(HTML) 3 Page - Emerson Network Power

  RFB300 Datasheet HTML 1Page - Emerson Network Power RFB300 Datasheet HTML 2Page - Emerson Network Power RFB300 Datasheet HTML 3Page - Emerson Network Power RFB300 Datasheet HTML 4Page - Emerson Network Power RFB300 Datasheet HTML 5Page - Emerson Network Power RFB300 Datasheet HTML 6Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part Number System with Options
Output Voltage
12 = 7.2 Vdc to 13.2 Vdc
28 = 16.8 Vdc to 29.4 Vdc
Remote ON/OFF Polarity
R = Negative Logic Option
Blank = Positive Logic Option
Height Option (17)
5 = 0.50 in (12.70 mm)
4 = 0.40 in (10.16 mm)
Threaded Inserts
T = Threaded Inserts
Blank = Clearance Inserts
RoHS Compliance(18)
Y = Non Pb-free (RoHS 5/6 compliant)
J = PB-free (RoHS 6/6 compliant)19
Number of Outputs
S = Single
Input Voltage
24 = 18 Vdc to 36 Vdc
48 = 36 Vdc to 75 Vdc
Rated Output Current
300 = 300/308 W
350 = 350 W
Product Family
RFB = Half-Brick
Rev.11.26.07
rfb300/350
3 of 6
Embedded Power for
Business-Critical Continuity
RFB300-24S28-R5T Y
Notes
1
Measurement Bandwidth: 20 MHz; Measured with 1 μF ceramic and a 330 μF
(470 μF for 12 V output model) aluminum or solid tantalum capacitor across
the output terminals.
2
Di/dt = 1 A/μs; ΔIout = ±25% Iout (max); Vin = Vnom; Iout = Inom. Tested
with a 1 μF ceramic and a 330 μF (470 μF for 12 V output model) aluminum
electrolytic capacitor across the output.
3
External input fusing required. Use a fast acting fuse: 40 A (24 V model), 15 A
(48 V, 350 W model).
4
Iout = Iout (max) Measured with the input capacitor, Cbypass = 330 μF, and 6
μH inductor in series with the power source. Frequencies >100 kHz.
5
Signal line assumed <3 m in length.
6
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand-alone product.
7
Negative remote ON/OFF option also available. Add suffix ‘-R’ to part
number, for example see part numbering system.
8
With the enable signal asserted, this is the time from when the input current
reaches 10 % of the final steady state value until the output voltage reaches
10 % of the nominal output value. Start-up into resistive load.
9
With Vin > Vin (min.) applied for a minimum of 1 second, this is the time
from when the primary ON/OFF signal is activated until the output voltage
reaches 10 % of the nominal output voltage.
10 Minimum effective ESR is 1 mΩ. Minimum phase margin is 35
°.
11 Measured per ETSI 300 132-2 Section 4.7.2.
12 From 10% to 90% of Vout (nom). Full resistive load. 1 μF ceramic and 330 μF
(470 μF for 12 V model) electrolytic capacitors across the output.
10 Minimum effective ESR is 1 mΩ. Minimum phase margin is 35
°.
11 Measured per ETSI 300 132-2 Section 4.7.2.
12 From 10% to 90% of Vout (nom). Full resistive load. 1 μF ceramic and 330 μF
(470 μF for 12 V model) electrolytic capacitors across the output.
13 Converter guaranteed ON for positive option.
14 Maximum driver leakage to insure converter is ON.
15 Converter guaranteed OFF for positive option.
16 Driver sink current @ Vrc ≤ 1.2 V.
17 0.40 in height option is not available on the 12 V output model.
18 The’Y’ suffix indicates that these parts are TSE ToHS 5/6 (non-Pb-free)
compliant
19 New RoHS 6/6 codes coming soon: RFB300-48S28-R5J; RFB350-48S12-R5J.
20 Notice: Some models do not support all options. Please contact your local
sales representative.
PROTECTION
Short-circuit
12 V model RFB300
29.4 A
(Brickwall current
12 V model RFB350
34.4 A
limiting)
28 V model RFB300
12.9 A
28 V model RFB350
14.7 A
Overvoltage protection
12 V model
15 V
(Output shutdown)
28 V model
33.2 V
Overtemperature
(midpoint of baseplate)
110 °C
shutdown



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com