Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFF500 Datasheet(PDF) 5 Page - Emerson Network Power

Part # RFF500
Description  DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFF500 Datasheet(HTML) 5 Page - Emerson Network Power

  RFF500 Datasheet HTML 1Page - Emerson Network Power RFF500 Datasheet HTML 2Page - Emerson Network Power RFF500 Datasheet HTML 3Page - Emerson Network Power RFF500 Datasheet HTML 4Page - Emerson Network Power RFF500 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
File Name: rff500_600_700.pdf Rev: 17 Feb 2006
Please consult our website for the following items:
 Application Note
www.artesyn.com
Datasheet © Artesyn Technologies® 2006
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
500 W, 600 W and 700 W Full-Brick
5
NEW Product
Figure 13 - Mechanical Drawing and Pin-Out Table
RFF500/600/700 Series
24 Vin and 48 Vin single output
5X THRU-HOLE INSERT FOR M3 FASTERNER, CLEARANCE 0.128 (3.25)
0.550 (13.97)
0
0
+ON/OFF
4.60
±0.02 (116.84 ±0.51)
CASE FOOTPRINT
2.100 (53.34)
0.700 (17.78)
1.100 (27.94)
1.500 (38.10)
2.000 (50.80)
1.000 (25.40)
-ON/OFF
+Vin
-Vin
R
(M3 X 0.5" THREADED INSERTS ARE AVAILABLE)
8X 0.040 (1.02)
+V
0.550 (13.97)
0.50
±0.02 (12.70 ±0.51)
4.200 (106.68)
+V
4X R 0.060 (1.52)
0.23
±0.02 (5.84 ±0.51)
0.300 (7.62)
-V
+V
-V
-V
1.450 (36.83)
0.800 (20.32)
1.200 (30.48)
1.700 (43.18)
2.050 (52.07)
8X 0.081 (2.06)
PIN CONNECTIONS
PIN NUMBER
FUNCTION
-Vin
Negative Input Terminal
+Vin
Positive Input Terminal
-ON/OFF
Negative Input Remote ON/OFF
+ON/OFF
Positive Input Remote ON/OFF
-V
Negative Output Terminals
+V
Positive Output Terminals
Aux
Auxiliary Power Terminal
IOC
Inverter Operation Good
PC
Parallel Control Pin
TRIM
Output Adjustment Trim Pin
+S
Positive Remote Sense
-S
Negative Remote Sense



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com