Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFF500 Datasheet(PDF) 1 Page - Emerson Network Power

Part # RFF500
Description  DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

RFF500 Datasheet(HTML) 1 Page - Emerson Network Power

  RFF500 Datasheet HTML 1Page - Emerson Network Power RFF500 Datasheet HTML 2Page - Emerson Network Power RFF500 Datasheet HTML 3Page - Emerson Network Power RFF500 Datasheet HTML 4Page - Emerson Network Power RFF500 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC-DC CONVERTERS
500 W, 600 W and 700 W Full-Brick
1
NEW Product
File Name: rff500_600_700.pdf Rev: 17 Feb 2006
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated.
External output capacitance required (See Note 4)
SPECIFICATIONS
RFF500/600/700 series is a high efficiency, enclosed, isolated dc-dc converter
series in an industry standard full-brick package that provides up to 700 W of
output power. The series delivers very high usable output power for today’s high
performance RF power amplifier and similar applications. The five models in the
series feature an input voltage range of 18 Vdc to 36 Vdc and 36 Vdc to 75 Vdc
and an output voltage of 28 V. The output voltage is adjustable from 16.8 Vdc to
29.4 Vdc (not to exceed 500 W for the RFF500, 600 W for the RFF600 and 700
W for the RFF700). The series also has a remote isolated ON/OFF capability.
Overcurrent, overvoltage and overtemperature protection features are included
as standard. Other options are also available. Full international safety approval
including EN/IEC60950-1 VDE and UL/cUL60950 reduces compliance costs and
time to market.
• High efficiency topology
• Wide temperature range, -40 °C to +100 °C @ full power
• High power density (127 W/in3)
• Input voltage range: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc
• Output voltage range: 16.8 Vdc to 29.4 Vdc
• Remote ON/OFF
• Operational insulation system
• RoHS compliant
RFF500/600/700 Series
24 Vin and 48 Vin single output
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 10401-3336-0198
Licence No. 40005395
UL/cUL CAN/CSA 22.2 No. 60950
UL 60950 File No. 135734
EMC CHARACTERISTICS
Conducted emissions
EN55022
See Application Note 174
Radiated emissions
EN55022
See Application Note 174
GENERAL SPECIFICATIONS
Efficiency
24 Vin
90 %
Vin=Vin (nom), Iout (max) 48 Vin
91 %
Approvals and
VDE IEC60950-1
standards
IECEE CB, UL/cUL60950
Material Flammability
UL94V-0
Weight
0.5 inch tall version
220 g (7.75 oz.)
MTBF @ 55 ºC
Telcordia SR-332
Issue 1
RFF600-24
1,166,553 hours
RFF700-48
1,604,279 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating baseplate, -40 ºC to +100 ºC
temperature
Non-operating
-40 ºC to +100 ºC
ON/OFF PINS ELECTRICAL INTERFACE
(See Application Note 174 for details of the remote ON/OFF)
ABSOLUTE MAXIMUM RATINGS
Input voltage - peak
24 Vin
-0.5-50 Vdc
(100 ms max., 1 %
48 Vin
-0.5-100 Vdc
duty cycle max.)
Input voltage continuous 24 Vin
-0.5-40 Vdc
48 Vin
-0.5-80 Vdc
Adjust pin voltage
With respect to
-0.5-12 Vdc
-Sense pin
OUTPUT SPECIFICATIONS
Voltage adjustability
16.8-29.4 Vdc
Min./max. load
RFF500
0/17.9 A
RFF600
0/21.4 A
RFF700
0/25 A
Output load capacitance (See Note 3)
330-3,300 µF
Rise time
(See Note 5)
5 ms typ.
INPUT SPECIFICATIONS
Input current @ lo max.
24/48 Vin RFF500
39.7 A/19 A max.
(See Note 1)
24/48 Vin RFF600
47.6 A/22.8 A max.
48 Vin RFF700
26.6 A max.
Input reflected ripple
24 Vin RFF500/600
6 mA (pk-pk)
(See Note 2)
48 Vin RFF500/600/700
4 mA (pk-pk)
Input capacitance -
24 Vin
66 µF
Internal filter
48 Vin
20 µF
Inrush current
(See Note 4)
2 A2s


Similar Part No. - RFF500

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFF500 ARTESYN-RFF500 Datasheet
288Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28-5TY ARTESYN-RFF500-24S28-5TY Datasheet
288Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28-5Y ARTESYN-RFF500-24S28-5Y Datasheet
288Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28TY ARTESYN-RFF500-24S28TY Datasheet
117Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
RFF500-24S28Y ARTESYN-RFF500-24S28Y Datasheet
288Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
More results

Similar Description - RFF500

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
RFB300 ARTESYN-RFB300 Datasheet
639Kb / 5P
DC-DC CONVERTERS 300-350 W Half-Brick
RFF500 ARTESYN-RFF500 Datasheet
288Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
logo
Emerson Network Power
CXA20 EMERSON-NETWORKPOWER-CXA20 Datasheet
126Kb / 3P
20 W DC-DC Converters
EXB100 EMERSON-NETWORKPOWER-EXB100 Datasheet
407Kb / 2P
100 W DC-DC Isolated Converters
logo
Artesyn Technologies
RFF500-24S28Y ARTESYN-RFF500-24S28Y_14 Datasheet
117Kb / 5P
DC-DC CONVERTERS 500 W, 600 W and 700 W Full-Brick
CXA20-48S3V3J ARTESYN-CXA20-48S3V3J Datasheet
132Kb / 3P
20 W DC-DC Converters
EXB50-48D3V3-1V8J ARTESYN-EXB50-48D3V3-1V8J Datasheet
204Kb / 2P
50 W High Efficiency DC-DC Converters
logo
XP Power Limited
QSB600 XPPOWER-QSB600 Datasheet
2Mb / 10P
600-700 W Isolated Output
logo
Bel Fuse Inc.
110RCM150-24DMQFK BEL-110RCM150-24DMQFK Datasheet
3Mb / 14P
150 /300 W DC-DC Converters
RCM500 BEL-RCM500 Datasheet
2Mb / 17P
500/1000 W DC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com