Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH4400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLRH4400
Description  Resistor LED for 12 V Supply Voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRH4400 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLRH4400 Datasheet HTML 1Page - Vishay Siliconix TLRH4400 Datasheet HTML 2Page - Vishay Siliconix TLRH4400 Datasheet HTML 3Page - Vishay Siliconix TLRH4400 Datasheet HTML 4Page - Vishay Siliconix TLRH4400 Datasheet HTML 5Page - Vishay Siliconix TLRH4400 Datasheet HTML 6Page - Vishay Siliconix TLRH4400 Datasheet HTML 7Page - Vishay Siliconix TLRH4400 Datasheet HTML 8Page - Vishay Siliconix TLRH4400 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLR.440.
Vishay Telefunken
2 (10)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83044
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLRH4400 ,TLRO4400 ,TLRY4400 ,TLRG4400 ,TLRP4400
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
Forward voltage
Tamb ≤ 65°C
VF
16
V
Power dissipation
Tamb ≤ 65°C
PV
240
mW
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
150
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
High efficiency red (TLRH4400 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
VF = 12 V
IV
1.6
4
mcd
Dominant wavelength
VF = 12 V
ld
612
625
nm
Peak wavelength
VF = 12 V
lp
635
nm
Angle of half intensity
VF = 12 V
ϕ
±30
deg
Forward current
VS = 12 V
IF
10
12
mA
Breakdown voltage
IR = 10 mA
VBR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Soft orange (TLRO4400 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
VF = 12 V
IV
4
10
mcd
Dominant wavelength
VF = 12 V
ld
598
611
nm
Peak wavelength
VF = 12 V
lp
605
nm
Angle of half intensity
VF = 12 V
ϕ
±30
deg
Forward current
VS = 12 V
IF
10
12
mA
Breakdown voltage
IR = 10 mA
VBR
6
20
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com