Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH4400 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLRH4400
Description  Resistor LED for 12 V Supply Voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLRH4400 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLRH4400 Datasheet HTML 1Page - Vishay Siliconix TLRH4400 Datasheet HTML 2Page - Vishay Siliconix TLRH4400 Datasheet HTML 3Page - Vishay Siliconix TLRH4400 Datasheet HTML 4Page - Vishay Siliconix TLRH4400 Datasheet HTML 5Page - Vishay Siliconix TLRH4400 Datasheet HTML 6Page - Vishay Siliconix TLRH4400 Datasheet HTML 7Page - Vishay Siliconix TLRH4400 Datasheet HTML 8Page - Vishay Siliconix TLRH4400 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLR.440.
Vishay Telefunken
5 (10)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83044
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
1012 141618 20
VF – Forward Voltage ( V )
95 10834
Soft Orange
Figure 7 Forward Current vs. Forward Voltage
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30–20–10 0 10 20 30 40 50 60 70 80 90 100
Tamb – Ambient Temperature ( °C )
95 10835
Soft Orange
VS = 12 V
Figure 8 Relative Forward Current vs.
Ambient Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30–20–10 0 10 20 30 40 50 60 70 80 90 100
Tamb – Ambient Temperature ( °C )
95 10836
IF = 10 mA
Soft Orange
Figure 9 Relative Forward Voltage vs.
Ambient Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
02468
10
12
14
16
VF – Forward Voltage ( V )
95 10837
Soft Orange
Figure 10 Relative Luminous Intensity vs.
Forward Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
102030 405060 708090 100
Tamb – Ambient Temperature ( °C )
95 10838
VS = 12 V
Soft Orange
Figure 11 Rel. Luminous Intensity vs.
Ambient Temperature
570
590
610
630
650
0
0.2
0.4
0.6
0.8
1.2
670
95 10324
1.0
l – Wavelength ( nm )
Soft Orange
Figure 12 Relative Luminous Intensity vs. Wavelength



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com