Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL10E Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIL10E
Description  DC-DC CONVERTERS E Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL10E Datasheet(HTML) 2 Page - Emerson Network Power

  SIL10E Datasheet HTML 1Page - Emerson Network Power SIL10E Datasheet HTML 2Page - Emerson Network Power SIL10E Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SIIL
L1
10
0--0
05
5W
Wx
xx
xx
x S
Se
erriie
es
s
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL10E Series
3.0 Vin to 5.5 Vin single output
DC-DC CONVERTERS
E Class Non-isolated2
NEW Product
File Name: sil10e_05.pdf Rev (04): 16 Dec 2005
SIL10E-05S3V3-VJ
Part Number System with Options
Number of Outputs
S = Single
W = Wide
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL10E-05W3V3J. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.8 Vdcto 3.63 Vdc. When the SIL10E-05W3V3J
converter leaves the factory the output has been adjusted to the default
voltage of 3.3 V.
• When Vin ≥ 4.5 V, then Vout can be adjusted from 0.8 Vdc to 3.6 Vdc
• When Vin < 4.5 V, then Vout can be adjusted from 0.8 Vdc to 2.75 Vdc
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SIIL
L1
10
0E
E--0
05
5W
W3
3V
V3
3J
J S
Se
erriie
es
s
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(4,5,6)
(MAX.)
(MIN.)
(MAX.)
8.8 W
3.-5.5 V
0.8 V
0 A
10 A
83%
±0.2%
±1.5%
SIL10E-05S0V8-VJ
11 W
3.0-5.5 V
1 V
0 A
10 A
86%
±0.2%
±1.5%
SIL10E-05S1V0-VJ
13.2 W
3.0-5.5 V
1.2 V
0 A
10 A
88%
±0.2%
±1.0%
SIL10E-05S1V2-VJ
16.5 W
3.0-5.5 V
1.5 V
0 A
10 A
90%
±0.2%
±1.0%
SIL10E-05S1V5-VJ
19.8 W
3.0-5.5 V
1.8 V
0 A
10 A
92%
±0.2%
±1.0%
SIL10E-05S1V8-VJ
22 W
3.0-5.5 V
2 V
0 A
10 A
93%
±0.2%
±1.0%
SIL10E-05S2V0-VJ
27.5 W
3.0-5.5 V
2.5 V
0 A
10 A
94%
±0.2%
±1.0%
SIL10E-05S2V5-VJ
36.3 W
4.5-5.5 V
3.3 V
0 A
10 A
95%
±0.2%
±1.0%
SIL10E-05S3V3-VJ
36.3 W
4.5-5.5 V
0.8-3.63 V
0 A
10 A
95%
±0.2%
±1.0%
SIL10E-05W3V3-VJ
N
No
otte
es
s
1
When Vin ≥ 4.5 V, then Vout can be adjusted from 0.8 V to 3.6 V. When
Vin < 4.5 V, then Vout can be adjusted from 0.8 V to 2.75 V.
2
The SIL10E features a ‘Negative Logic’ Remote ON/OFF operation. If you
are not using the Remote ON/OFF pin, leave the pin open (the converter
will be on). The Remote ON/OFF pin is referenced to ground.
The following conditions apply for the SIL10E:
Configuration
Converter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low
Unit is ON
Remote pin pulled high [Von/off >1.2 V]
Unit is OFF
A ‘Positive Logic’ Remote ON/OFF version is also possible with this
converter. To order please place the suffix ‘R’ towards the end of the
model number e.g. SIL10E-05S3V3-VRJ.
N
No
otte
es
s C
Co
on
nd
d..
3
Full derating curves available in both the Longform Datasheet and
Application Note 136.
4
For certain applications that use low ESR capacitors on the output of the
convertor and to insure maximum converter stability, please add the
suffix ‘02’ to the model, e.g. SIL10E-05S2V5-V02J.
5
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
6
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
Packaging Options (5)
J = Pb-free (RoHS 6/6 compliant)
Input Voltage
05 = 3.0 V to 5.5 V
12 = 10 V to 14 V
Performance
E = Enhanced Performace
Rated Output Current
10 = 10 Amps
Product Family
SIL = Single In Line
Mounting Option
V = Vertical Mount
H = Horizontal Mount
Output Voltage
2.5 V, 3.3 V etc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com