Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL10E Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL10E
Description  DC-DC CONVERTERS E Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL10E Datasheet(HTML) 1 Page - Emerson Network Power

  SIL10E Datasheet HTML 1Page - Emerson Network Power SIL10E Datasheet HTML 2Page - Emerson Network Power SIL10E Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
E Class Non-isolated
1
2 YEAR WARRANTY
SIL10E Series
3.0 Vin to 5.5 Vin single output
NEW Product
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
Fixed output versions
±10%
(See Note 1)
5 Vin with wide trim
0.8-3.63 Vdc
3.3 Vin with wide trim
0.8-2.75 Vdc
Setpoint accuracy
±0.4%
Line regulation
±0.2%
Load regulation
±1.0%
Minimum load
0 A
Overshoot/undershoot
None
Ripple and noise
50 mV pk-pk
0 to 20MHz BW
25 mV rms max.
Temperature co-efficient
±0.01%/ºC
Transient response
50 mV max. deviation
50 µs recovery to
within ±1.0%
Remote sense
10% Vo compensation
INPUT SPECIFICATIONS
Input voltage range
3.0-5.5 Vdc
Input current
No load
70 mA
Input current (max.)
8 A max. @ Io max.
and Vout = 3.3 V
Input current ripple
65 mA rms
Remote ON/OFF
(See Note 2)
Start-up time
20 ms
File Name: sil10e_05.pdf Rev (04): 16 Dec 2005
• 10 A Current rating
• Input voltage range: 3.0 Vdc to 5.5 Vdc
• Output voltage range: 0.8 Vdc to 3.63 Vdc
• Ultra high efficiency: 96% @ 5 Vin and 3.3 Vout
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Designed in reliability: MTBF of >7 million hours
per Telcordia SR-332
• Ideal solution where board space is at a premium
or tighter card pitch is required
• Industry standard footprint and pin out
• Available RoHS compliant
The SIL10E series are non-isolated dc-dc converters packaged in a single-in-line footprint
giving designers a cost effective solution for conversion from either a 5 V or a 3.3 V source.
The SIL10E offers a range of fixed outputs and one wide trim output unit at an industry
leading 10 A which allows maximum design flexibility and a pathway for future upgrades.
The SIL10E is designed for applications that include distributed power, workstations, optical
network and wireless applications. Implemented using state of the art surface mount
technology and automated manufacturing techniques, the SIL10E offers compact size and
efficiencies of up to 96%.
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
See table
Insulation voltage
Non-isolated
Switching frequency
Fixed
300 kHz typ.
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
50.8 x 7.8 x 12.7 mm
(vertical version)
2.0 x 0.31 x 0.5 inches
Pin length
(Vertical) 0.135 ±0.02 in (3.43 ±0.5 mm)
Weight
5 g (0.18 oz)
MTBF
Telcordia SR-332
7,042,000 hours
MIL-HDBK-217F
680,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +100 ºC
(See Note 3)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Continuous
Thermal
Automatic recovery
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1,
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 03 10 38572 037
CB Report and Certificate to IEC60950, Certificate No.
DE3-51686M1


Similar Part No. - SIL10E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL10E ARTESYN-SIL10E Datasheet
106Kb / 3P
DC/DC CONVERTERS
logo
Advanced Energy Industr...
SIL10E ADVANCEDENERGY-SIL10E Datasheet
419Kb / 5P
Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SIL10E-05S0V8-V ARTESYN-SIL10E-05S0V8-V Datasheet
106Kb / 3P
DC/DC CONVERTERS
logo
Emerson Network Power
SIL10E-05S0V8-VJ EMERSON-NETWORKPOWER-SIL10E-05S0V8-VJ Datasheet
672Kb / 4P
3.0 Vin - 5.5 Vin
logo
Artesyn Technologies
SIL10E-05S1V0-V ARTESYN-SIL10E-05S1V0-V Datasheet
106Kb / 3P
DC/DC CONVERTERS
More results

Similar Description - SIL10E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL05E EMERSON-NETWORKPOWER-SIL05E Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15E EMERSON-NETWORKPOWER-SIL15E Datasheet
92Kb / 3P
DC/DC CONVERTERS E Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT10E EMERSON-NETWORKPOWER-SMT10E Datasheet
168Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com