Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL05E Datasheet (PDF) - Emerson Network Power

SIL05E Datasheet PDF - Emerson Network Power
Part # SIL05E
Download  SIL05E Download
File Size   164.57 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS E Class Non-isolated

SIL05E Datasheet (PDF)

Go To PDF Page Download Datasheet
SIL05E Datasheet PDF - Emerson Network Power

Part # SIL05E
Download  SIL05E Click to download

File Size   164.57 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS E Class Non-isolated

SIL05E Datasheet (HTML) - Emerson Network Power


SIL05E Product details

3 Vin to 5.5 Vin single output

The SIL05E series are non-isolated dc-dc converters packaged in a single-in-line footprint giving designers a cost effective solution for conversion from a 3.3 Vin to 5 Vin source. The SIL05E has a wide input range (3.0 Vdc to 5.5 Vdc) and offers a wide 0.75 Vdc to 3.63 Vdc output voltage range with a 5 A load, which allows for maximum design flexibility and a pathway for future upgrades. The SIL05E is designed for applications that include distributed power, workstations, optical network and wireless applications. Implemented using state of the art surface-mount technology and automated manufacturing techniques, the SIL05E offers compact size and efficiencies of up to 94%.

• 5 A Current rating
• Input voltage range: 3.0 Vin to 5.5 Vin
• Output voltage range: 0.75 Vdc to 3.63 Vdc
• Ultra high efficiency: 94% @ 5 Vin and 3.3 Vout
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Designed in reliability: MTBF of >9 million hours per Telcordia SR-332
• Ideal solution where board space is at a premium or tighter card pitch is required
• Industry standard footprint
• Available RoHS compliant




Similar Part No. - SIL05E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
logo
Advanced Energy Industr...
SIL05E ADVANCEDENERGY-SIL05E Datasheet
371Kb / 5P
Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SIL05E-05W3V3-HJ ARTESYN-SIL05E-05W3V3-HJ Datasheet
530Kb / 3P
Non-Isolated DC-DC Converters
SIL05E-05W3V3-VJ ARTESYN-SIL05E-05W3V3-VJ Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SIL05E-05W3V3-VJ ARTESYN-SIL05E-05W3V3-VJ Datasheet
530Kb / 3P
Non-Isolated DC-DC Converters
More results


Similar Description - SIL05E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL10E EMERSON-NETWORKPOWER-SIL10E Datasheet
189Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL15E EMERSON-NETWORKPOWER-SIL15E Datasheet
92Kb / 3P
DC/DC CONVERTERS E Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT10E EMERSON-NETWORKPOWER-SMT10E Datasheet
168Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com