Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL05E Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIL05E
Description  DC-DC CONVERTERS E Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL05E Datasheet(HTML) 2 Page - Emerson Network Power

  SIL05E Datasheet HTML 1Page - Emerson Network Power SIL05E Datasheet HTML 2Page - Emerson Network Power SIL05E Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SIL05E Series
3.0-5.5Vin single output
File Name: sil05e_05.pdf Rev (04): 16 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
E Class Non-isolated
2
NEW Product
N
No
otte
es
s
1
The SIL05E features a ‘Negative Logic’ Remote ON/OFF operation. If not
using the Remote ON/OFF pin, leave the pin open (the converter will be
on). The Remote ON/OFF pin is referenced to ground
The following conditions apply for the SIL05E:
Configuration
Converter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low
Unit is ON
Remote pin pulled high [Von/off >2.5 V]
Unit is OFF
An ‘Positive Logic’ Remote ON/OFF version is also possible with this
converter. To order please place the suffix ‘R’ towards the end of the
model number e.g. SIL05E-05W3V3-VRJ.
2
Full derating curves available in both the Longform Datasheet and
Application Note.
3
For horizontal mounting option please consult factory for details.
4
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
5
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER (3,4,5)
(MAX.)
(MIN.)
(MAX.)
18.15 W
3.0-5.5 Vin
0.75-3.63 Vdc
0 A
5 A
94%
±1.0%
±1.0%
SIL05E-05W3V3-VJ
SIL05E-05W3V3-VJ
Part Number System with Options
Product Family
SIL = Single In Line
Rated Output Current
05 = 5 Amps
Input Voltage
05 = 3.0 Vdc to 5.5 Vdc
Type of Output
W = Wide
Output Voltage
0.75 Vdc to 3.63 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL05E-05W3V3. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.75 Vdc to 3.63 Vdc. When the SIL05E-05W3V3
converter leaves the factory the output has been adjusted to the default
voltage of 0.75 V
• When Vin ≥ 4.5 V, then Vout can be adjusted from 0.75 Vdc to 3.63 Vdc
• When Vin < 4.5V, then Vout can be adjusted from 0.75 Vdc to 2.75 Vdc
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SIIL
L0
05
5E
E--0
05
5W
W3
3V
V3
3 S
Se
erriie
es
s
Performance
E = Enhanced Performance
Mounting Option
V = Vertical
H = Horizontal
Packaging Options (4)
J = Pb-free (RoHS 6/6 compliant)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com