Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL05E Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL05E
Description  DC-DC CONVERTERS E Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL05E Datasheet(HTML) 1 Page - Emerson Network Power

  SIL05E Datasheet HTML 1Page - Emerson Network Power SIL05E Datasheet HTML 2Page - Emerson Network Power SIL05E Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
E Class Non-isolated
1
SIL05E Series
3 Vin to 5.5 Vin single output
NEW Product
File Name: sil05e_05.pdf Rev (04): 16 Dec 2005
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS
The SIL05E series are non-isolated dc-dc converters packaged in a single-in-line footprint giving
designers a cost effective solution for conversion from a 3.3 Vin to 5 Vin source. The SIL05E
has a wide input range (3.0 Vdc to 5.5 Vdc) and offers a wide 0.75 Vdc to 3.63 Vdc output
voltage range with a 5 A load, which allows for maximum design flexibility and a pathway for
future upgrades. The SIL05E is designed for applications that include distributed power,
workstations, optical network and wireless applications. Implemented using state of the art
surface-mount technology and automated manufacturing techniques, the SIL05E offers
compact size and efficiencies of up to 94%.
• 5 A Current rating
• Input voltage range: 3.0 Vin to 5.5 Vin
• Output voltage range: 0.75 Vdc to 3.63 Vdc
• Ultra high efficiency: 94% @ 5 Vin and 3.3 Vout
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Designed in reliability: MTBF of >9 million hours
per Telcordia SR-332
• Ideal solution where board space is at a premium
or tighter card pitch is required
• Industry standard footprint
• Available RoHS compliant
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E174104
UL 60950 File No. E174104
TÜV Product Service (EN60950) Certificate No. B 03 10 38572 037
CB report and certificate to DE3-51686M1
OUTPUT SPECIFICATIONS
Voltage adjustability
0.75-3.63 Vdc
Setpoint accuracy
±0.4%
Line regulation
±1.0%
Load regulation
±1.0%
Minimum load
0 A
Overshoot/undershoot
None
Ripple and noise
75 mV pk-pk
5 Hz to 20 MHz
25 mV rms
Temperature co-efficient
±0.01%/ºC
Transient response
60 mV max. deviation
50 µs recovery to
within 1%
INPUT SPECIFICATIONS
Input voltage range
3.0-5.5 Vdc
Input current
No load (max.)
150 mA
Input current (max.)
3.9 A max. @ Io max.
and Vout = 3.3 V
Input reflected ripple
40 mA rms
Remote ON/OFF
(See Note 1)
Start-up time
20 ms
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
94% typ.
Insulation voltage
Non-isolated
Switching frequency
Fixed
300 kHz typ.
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
0.902 x 0.279 x 0.402 inches
22.90 x 7.09 x 10.21 mm
Weight
2.5 g (0.09 oz)
MTBF
Telcordia SR-332
9,009,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Continuous
Thermal
Automatic recovery


Similar Part No. - SIL05E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
logo
Advanced Energy Industr...
SIL05E ADVANCEDENERGY-SIL05E Datasheet
371Kb / 5P
Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SIL05E-05W3V3-HJ ARTESYN-SIL05E-05W3V3-HJ Datasheet
530Kb / 3P
Non-Isolated DC-DC Converters
SIL05E-05W3V3-VJ ARTESYN-SIL05E-05W3V3-VJ Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SIL05E-05W3V3-VJ ARTESYN-SIL05E-05W3V3-VJ Datasheet
530Kb / 3P
Non-Isolated DC-DC Converters
More results

Similar Description - SIL05E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL10E EMERSON-NETWORKPOWER-SIL10E Datasheet
189Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL15E EMERSON-NETWORKPOWER-SIL15E Datasheet
92Kb / 3P
DC/DC CONVERTERS E Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT10E EMERSON-NETWORKPOWER-SMT10E Datasheet
168Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com