Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT10E Datasheet (PDF) - Emerson Network Power

SMT10E Datasheet PDF - Emerson Network Power
Part # SMT10E
Download  SMT10E Download
File Size   168.03 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS E Class Non-isolated

SMT10E Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT10E Datasheet PDF - Emerson Network Power

Part # SMT10E
Download  SMT10E Click to download

File Size   168.03 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS E Class Non-isolated

SMT10E Datasheet (HTML) - Emerson Network Power


SMT10E Product details

SMT10E Series
3.0 - 5.5 Vin

Total Power: 13.2 Watts
Input Voltage: 3.0 - 5.5 Vdc
# of Outputs: Single

Special Features
•  10 A current rating
•  Input voltage range: 3.0 Vdc to 5.5 Vdc
•  Output voltage range: 0.8 Vdc to 3.63 Vdc
•  Ultra high efficiency: 96% @ 5 Vin and 3.3 Vout
•  Extremely low internal power dissipation
•  Minimal thermal design concerns
•  Designed in reliability: MTBF of >7 million hours per Telcordia SR-332
•  Ideal solution where board space is at a premium or tighter card pitch is required
•  Industry standard surface-mount footprint
•  Available RoHS compliant
•  2 year warranty




Similar Part No. - SMT10E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
logo
Advanced Energy Industr...
SMT10E ADVANCEDENERGY-SMT10E Datasheet
333Kb / 5P
13.2 Watts Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SMT10E-05S1V2J ARTESYN-SMT10E-05S1V2J Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT10E-05S1V2J ARTESYN-SMT10E-05S1V2J Datasheet
400Kb / 4P
Embedded Power for Business-Critical Continuity
SMT10E-05S1V2J ARTESYN-SMT10E-05S1V2J_10 Datasheet
400Kb / 4P
Embedded Power for Business-Critical Continuity
More results


Similar Description - SMT10E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL05E EMERSON-NETWORKPOWER-SIL05E Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL10E EMERSON-NETWORKPOWER-SIL10E Datasheet
189Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL15E EMERSON-NETWORKPOWER-SIL15E Datasheet
92Kb / 3P
DC/DC CONVERTERS E Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com