Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT10E Datasheet (PDF) - Artesyn Technologies

SMT10E Datasheet PDF - Artesyn Technologies
Part # SMT10E
Download  SMT10E Download
File Size   658.82 Kbytes
Page   32 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 3.0 Vin to 5.5 Vin Single output

SMT10E Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT10E Datasheet PDF - Artesyn Technologies

Part # SMT10E
Download  SMT10E Click to download

File Size   658.82 Kbytes
Page   32 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 3.0 Vin to 5.5 Vin Single output

SMT10E Datasheet (HTML) - Artesyn Technologies


SMT10E Product details

SMT10E Series
3.0 - 5.5 Vin

Total Power: 13.2 Watts
Input Voltage: 3.0 - 5.5 Vdc
# of Outputs: Single

Special Features
•  10 A current rating
•  Input voltage range: 3.0 Vdc to 5.5 Vdc
•  Output voltage range: 0.8 Vdc to 3.63 Vdc
•  Ultra high efficiency: 96% @ 5 Vin and 3.3 Vout
•  Extremely low internal power dissipation
•  Minimal thermal design concerns
•  Designed in reliability: MTBF of >7 million hours per Telcordia SR-332
•  Ideal solution where board space is at a premium or tighter card pitch is required
•  Industry standard surface-mount footprint
•  Available RoHS compliant
•  2 year warranty




Similar Part No. - SMT10E

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT10E EMERSON-NETWORKPOWER-SMT10E Datasheet
168Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
logo
Advanced Energy Industr...
SMT10E ADVANCEDENERGY-SMT10E Datasheet
333Kb / 5P
13.2 Watts Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SMT10E-05S1V2J ARTESYN-SMT10E-05S1V2J Datasheet
400Kb / 4P
Embedded Power for Business-Critical Continuity
SMT10E-05S1V2J ARTESYN-SMT10E-05S1V2J_10 Datasheet
400Kb / 4P
Embedded Power for Business-Critical Continuity
SMT10E-05S1V5J ARTESYN-SMT10E-05S1V5J Datasheet
400Kb / 4P
Embedded Power for Business-Critical Continuity
More results


Similar Description - SMT10E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
3.0 Vin to 5.5 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SIL10E-05S0V8-VJ EMERSON-NETWORKPOWER-SIL10E-05S0V8-VJ Datasheet
672Kb / 4P
3.0 Vin - 5.5 Vin
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com