Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT12F-03W2V6J Datasheet (PDF) - Artesyn Technologies

SMT12F-03W2V6J Datasheet PDF - Artesyn Technologies
Part # SMT12F-03W2V6J
Download  SMT12F-03W2V6J Download
File Size   443.94 Kbytes
Page   5 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 3.3 Vin and 5 Vin single output

SMT12F-03W2V6J Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT12F-03W2V6J Datasheet PDF - Artesyn Technologies

Part # SMT12F-03W2V6J
Download  SMT12F-03W2V6J Click to download

File Size   443.94 Kbytes
Page   5 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 3.3 Vin and 5 Vin single output

SMT12F-03W2V6J Datasheet (HTML) - Artesyn Technologies


SMT12F-03W2V6J Product details

DC-DC CONVERTERS F Class Non-isolated

The SMT12F series is a new range of ultra-compact non-isolated point-of-load converters for space-critical applications. The new SMT12F Typhoon™ family surface-mount converter has a footprint of just 13.5 x 16 mm - and unlike competitive products on the market, requires only the addition of a small number of ceramic output capacitors to realise a complete highperformance point-of-load (POL) solution. The SMT12F is primarily intended for use on very densely packed, high functionality boards and for powering advanced silicon including network and communication processors, DSPs, FPGAs and ASICs. A key advantage of the SMT12F is that it only needs the addition of five 22 µF ceramic output capacitors to provide a complete full-specification, high efficiency POL solution with transient response capabilities that extend up to 300 A/µs. The total board space required for the module and capacitors is a mere 300 mm2, facilitating easy co-location with the load.

• Designed to meet ultra fast transient requirements up to 300 A/µs step load transients
• 12 A current rating
• Input voltage range: 2.97 Vdc to 5.5 Vdc
• Output voltage range: 0.9 Vdc to 3.3 Vdc
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Ideal solution where board space is at a premium or tighter card pitch is required
• Available RoHS compliant




Similar Part No. - SMT12F-03W2V6J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
285Kb / 4P
DC-DC CONVERTERS F Class Non-isolated
logo
Emerson Network Power
SMT12F-03W2V6J EMERSON-NETWORKPOWER-SMT12F-03W2V6J Datasheet
438Kb / 5P
new range of ultra-compact non-isolated point-of-load converters
More results


Similar Description - SMT12F-03W2V6J

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
3.0 Vin to 5.5 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
PTH05050YAST EMERSON-NETWORKPOWER-PTH05050YAST Datasheet
580Kb / 5P
3.3/5/12 Vin
PTH03050Y EMERSON-NETWORKPOWER-PTH03050Y_09 Datasheet
580Kb / 5P
PTHxx050Y 3.3/5/12 Vin
logo
Artesyn Technologies
PTH04040W ARTESYN-PTH04040W_15 Datasheet
604Kb / 4P
3.3 / 5.0 Vin Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com