Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL05E Datasheet (PDF) - Artesyn Technologies

SIL05E Datasheet PDF - Artesyn Technologies
Part # SIL05E
Download  SIL05E Download
File Size   432.83 Kbytes
Page   11 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 0.75 Vin to 3.63 Vin Single output

SIL05E Datasheet (PDF)

Go To PDF Page Download Datasheet
SIL05E Datasheet PDF - Artesyn Technologies

Part # SIL05E
Download  SIL05E Click to download

File Size   432.83 Kbytes
Page   11 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 0.75 Vin to 3.63 Vin Single output

SIL05E Datasheet (HTML) - Artesyn Technologies


SIL05E Product details

The SIL05E series are non-isolated dc-dc converters packaged in a single-in-line footprint giving designers a cost effective solution for conversion from a 3.3 - 5 Vin source. The SIL05E has a wide input range (3.0 - 5.5 Vdc) and offers a wide 0.75 - 3.63 Vdc output voltage range with a 5 A load, which allows for maximum design flexibility and a pathway for future upgrades. The SIL05E is designed for applications that include distributed power, workstations, optical network and wireless applications. Implemented using state of the art automated manufacturing techniques, the SIL05E offers compact size and efficiencies of up to 94%.

SPECIAL FEATURES
■ 5 A current rating
■ Input voltage range: 3.0 - 5.5 Vdc
■ Output voltage range: 0.75 - 3.63 V
■ Ultra-high efficiency: 94% @ 5 Vin and 3.3 Vout
■ Extremely low internal power dissipation
■ Minimal thermal design concerns
■ Designed in reliability: MTBF of >9 million hours per Telcordia SR-322
■ Ideal solution where board space is at a premium or tighter card pitch is required
■ Industry standard footprint
■ Available RoHS compliant
■ Two year warranty




Similar Part No. - SIL05E

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL05E EMERSON-NETWORKPOWER-SIL05E Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
logo
Advanced Energy Industr...
SIL05E ADVANCEDENERGY-SIL05E Datasheet
371Kb / 5P
Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SIL05E-05W3V3-HJ ARTESYN-SIL05E-05W3V3-HJ Datasheet
530Kb / 3P
Non-Isolated DC-DC Converters
logo
Emerson Network Power
SIL05E-05W3V3-VJ EMERSON-NETWORKPOWER-SIL05E-05W3V3-VJ Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
logo
Artesyn Technologies
SIL05E-05W3V3-VJ ARTESYN-SIL05E-05W3V3-VJ Datasheet
530Kb / 3P
Non-Isolated DC-DC Converters
More results


Similar Description - SIL05E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
3.0 Vin to 5.5 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT10E ARTESYN-SMT10E Datasheet
658Kb / 32P
3.0 Vin to 5.5 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com