Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT06C Datasheet (PDF) - Emerson Network Power

SMT06C Datasheet PDF - Emerson Network Power
Part # SMT06C
Download  SMT06C Download
File Size   297.85 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 5 Vin and 12 Vin single output

SMT06C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT06C Datasheet PDF - Emerson Network Power

Part # SMT06C
Download  SMT06C Click to download

File Size   297.85 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 5 Vin and 12 Vin single output

SMT06C Datasheet (HTML) - Emerson Network Power


SMT06C Product details

Special Features
• 6 A current rating
• Input voltage range: 4.5 Vdc - 5.5 Vdc or 10.2 Vdc - 13.8 Vdc
• Output voltage range: 0.9 Vdc - 3.3/5.0 Vdc
• Industry leading value
    • Cost optimized design
• Excellent transient response
• Output voltage adjustability
    • Pathway for future upgrades
    • Supports silicon voltage migration
    • Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of >7 million hours per Telcordia SR-332
• Available RoHS compliant
• 2 year warranty




Similar Part No. - SMT06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ Datasheet
563Kb / 3P
POWER C-Class Non-Isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ_15 Datasheet
563Kb / 3P
POWER C-Class Non-Isolated
SMT06C-12SADJJ ARTESYN-SMT06C-12SADJJ Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Similar Description - SMT06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
PTH05050YAST EMERSON-NETWORKPOWER-PTH05050YAST Datasheet
580Kb / 5P
3.3/5/12 Vin
logo
Artesyn Technologies
SMT15F-12S1V0J ARTESYN-SMT15F-12S1V0J Datasheet
297Kb / 5P
12 Vin single fixed output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com