Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT06C Datasheet(PDF) 1 Page - Emerson Network Power

Part # SMT06C
Description  5 Vin and 12 Vin single output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT06C Datasheet(HTML) 1 Page - Emerson Network Power

  SMT06C Datasheet HTML 1Page - Emerson Network Power SMT06C Datasheet HTML 2Page - Emerson Network Power SMT06C Datasheet HTML 3Page - Emerson Network Power SMT06C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Embedded Power for
Business-Critical Continuity
SMT06C Series
5 Vin and 12 Vin
single output
Special Features
• 6 A current rating
• Input voltage range:
4.5 Vdc - 5.5 Vdc or
10.2 Vdc - 13.8 Vdc
• Output voltage range:
0.9 Vdc - 3.3/5.0 Vdc
• Industry leading value
• Cost optimized design
• Excellent transient response
• Output voltage adjustability
• Pathway for future
upgrades
• Supports silicon voltage
migration
• Resulting in reduced
design-in and qualification
time
• Designed in reliability:
MTBF of >7 million hours
per Telcordia SR-332
• Available RoHS compliant
• 2 year warranty
Total Power:
20W
Input Voltage: 4.5-5.5 Vdc or
10.2 - 13.8 Vdc
# of Outputs:
Single
Safety
UL/cUL : CAN/CSA 22.2
No. 60950
TÜV Product Service
(EN60950:2000)
CB report and certificate
Rev. 08.20.08_j93
SMT06C
1 of 4
Output
Voltage adjustability (see note 6) 5 V input models
0.9 - 3.3 Vdc
12 Vins
0.9 - 5.0 Vdc
Output setpoint accuracy
1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2%
Load regulation
Full load to min. load
±0.5%
Min/max load
0 A / 6 A
Overshoot (at turn on)
5 V input models
3.0% max.
12 V input models
1.0% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise 5 Hz to 20 MHz
(See note 2)
See table on page 2
Transient response (see note 1)
75 mV max. deviation
150 μs recovery to
within regulation band
Electrical Specifications


Similar Part No. - SMT06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT06C ARTESYN-SMT06C Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ Datasheet
563Kb / 3P
POWER C-Class Non-Isolated
SMT06C-05SADJJ ARTESYN-SMT06C-05SADJJ_15 Datasheet
563Kb / 3P
POWER C-Class Non-Isolated
SMT06C-12SADJJ ARTESYN-SMT06C-12SADJJ Datasheet
186Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SMT06C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
PTH05050YAST EMERSON-NETWORKPOWER-PTH05050YAST Datasheet
580Kb / 5P
3.3/5/12 Vin
logo
Artesyn Technologies
SMT15F-12S1V0J ARTESYN-SMT15F-12S1V0J Datasheet
297Kb / 5P
12 Vin single fixed output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com