Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT06C Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT06C
Description  5 Vin and 12 Vin single output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT06C Datasheet(HTML) 3 Page - Emerson Network Power

  SMT06C Datasheet HTML 1Page - Emerson Network Power SMT06C Datasheet HTML 2Page - Emerson Network Power SMT06C Datasheet HTML 3Page - Emerson Network Power SMT06C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 08.20.08_j93
SMT06C
3 of 4
Embedded Power for
Business-Critical Continuity
Notes
1
di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo max. to 0.75 lo
max. and 0.75 lo max. to 0.5 lo max.
2
Measured with external filter. See Application Note 169 for details.
3
Power up is the time from application of dc input to Power Good high.
Remote ON/OFF asserted high to Power Good high.
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
Measured as per recommended set-up. Cin = 270 μF (20 m
W ESR max.).
Cout = 680 μF (10 m
W ESR max.).
6
Uses external resistor from trim to ground. Minimum value 485
W for 5 V
model, 280
W for 12 V model. See Application Note 169 for details.
7
Signal line assumed <3 m.
8
External input fusing recommended.
9
See Application Note 169 for operation above 50 ºC.
10 See Application Note 169 for more details.
11 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
12 NOTICE: Some models do not support all options. Please contact your local
representative or use the on-line model number search tool at
www.powerconversion.com to find a suitable alternative.
Ripple and Noise Specification
Output
Model
Voltage
Pk - Pk
RMS
5 V input models
0.9 Vdc to 2.5 Vdc
30 mV
15 mV
3.3 Vdc
40 mV
15 mV
12 V input models
0.9 Vdc to 2.5 Vdc
40 mV
20 mV
3.3 Vdc to 5 Vdc
50 mV
20 mV
SMT
06
C
12
SADJ
J
All specifications are typical at nominal input Vin = 12 V, full load at 25
°C unless otherwise stated.
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT06C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SMT06C series converter
leaves the factory the output has been adjusted to the default voltage of 0.9 V.
Output Voltage Adjustment of the SMT20C Series
Ordering Information
Output
Power
(max)
Input
Voltage
Output
Voltage (11)
Output
Current
(min)
Output
Current
(max)
Maximum
Load (typ)
Regulation
Model Numbers (12, 13)
Line
Load
20 W
4.5-5.5 Vdc
0.9-3.3 V
0 A
6 A
89%
±0.2%
±0.5%
SMT06C-05SADJJ
30 W
10.2 - 13.8 Vdc
0.9-5.0 V
0 A
6 A
91%
±0.2%
±0.5%
SMT06C-12SADJJ
Product Family
SMT = Surface Mount
Rated Output
Current
06 = 6 A
Input Voltage
05 = 4.5 Vdc to 5.5 Vdc
12 = 10.2 Vdc to 13.8 Vdc
Packaging Options
J = PB-free (RoHS 6/6 compliant)
Number of Outputs
SADJ = Single Adjustable
Output
Performance
C = C Series
Part Number System with Options



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com