Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT10E Datasheet(PDF) 2 Page - Emerson Network Power

Part # SMT10E
Description  DC-DC CONVERTERS E Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT10E Datasheet(HTML) 2 Page - Emerson Network Power

  SMT10E Datasheet HTML 1Page - Emerson Network Power SMT10E Datasheet HTML 2Page - Emerson Network Power SMT10E Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(3,4)
(MAX.)
(MIN.)
(MAX.)
33 W
10-14 Vdc
0.8-3.63 Vdc
0 A
10 A
94%
±0.2%
±1.0%
SMT10E-12W3V3J
SMT10E Series
12 Vin single output
File Name: smt10e_12.pdf Rev (03): 16 Dec 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
E Class Non-isolated
2
NEW Product
N
No
otte
es
s
1
The SMT10E features an ‘Positive Logic’ Remote ON/OFF operation. If
not using the Remote ON/OFF pin, leave the pin open (the converter will
be on). The Remote ON/OFF pin is referenced to ground.
The following conditions apply for the SMT10E:
Configuration
Converter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low [Von/off < 0.8 V]
Unit is OFF
Remote pin pulled high [Von/off >1.6 V]
Unit is ON
An ‘Negative Logic’ Remote ON/OFF version is also possible with this
converter. To order please place the suffix ‘-R’ at the end of the model
number, e.g. SMT10E-12W3V3-RJ.
2
Full derating curves available in both the Longform Datasheet and
Application Note.
3
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
4
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
SMT10E-12W3V3-TJ
Part Number System with Options
Product Family
SMT = Surface Mount
Rated Output Current
10 = 10 Amps
Input Voltage
12 = 10 Vdc to 14 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT10E-12W3V3J. It is no longer necessary to purchase a variety
of modules in order to cover different output voltages. The output voltage can
be trimmed in a range of 0.8 Vdc to 3.63 Vdc. When the SMT10E-12W3V3J
converter leaves the factory the output has been adjusted to the default
voltage of 0.8 V.
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SM
MT
T1
10
0E
E--1
12
2W
W3
3V
V3
3J
J S
Se
erriie
es
s
Performance
E = Enhanced Performance
Packaging Options (3)
No ‘-T’ Suffix = Pb-free RoHS 6/6 compliant
parts in trays e.g SMT10E-12W3V3J
-TJ = Pb-free RoHS 6/6 compliant part in
Tape and Reel e.g SMT10E-12W3V3-TJ
Output Voltage
0.8 Vdc to 3.63 Vdc
Type of Output
W = Wide



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com