Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL15E Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIL15E
Description  DC/DC CONVERTERS E Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL15E Datasheet(HTML) 2 Page - Emerson Network Power

  SIL15E Datasheet HTML 1Page - Emerson Network Power SIL15E Datasheet HTML 2Page - Emerson Network Power SIL15E Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
The SIL15E features an ‘Active High’ Remote ON/OFF operation. If not
using the Remote ON/OFF pin, leave the pin open (the converter will be
on). The Remote ON/OFF pin is referenced to ground.
The following conditions apply for the SIL15E:
Configuration
Converter Operation
Remote pin open circuit
Unit is ON
Remote pin pulled low [Von/off <0.8V]
Unit is OFF
Remote pin pulled high [Von/off >1.6V]
Unit is ON
An ‘Active Low’ Remote ON/OFF version is also possible with this
converter. Please consult the factory for details.
2 Full de-rating curves available in both the Long Form Data Sheet and
Application Note.
SIL15E Series
12Vin single output
DC/DC CONVERTERS
E Class Non-isolated
2
NEW Product
File Name: sil15e_12.pdf Rev: 14 Aug 2003
Output Voltage Adjustment of the SIL10-05Wxxx Series
SIL15E-12S3V3-V
Part Number System with Options
Product Family
SIL = Single In Line
Rated Output Current
15 = 15Amps
Input Voltage
12 = 10V - 14V
Type of Output
S = Single
W = Wide
Output Voltage
0.8V - 3.63V
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL15E-12W3V3. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.8V to 3.63V. When the SIL15E-12W3V3 converter
leaves the factory the output has been adjusted to the default voltage of 0.8V
Output Voltage Adjustment of the SIL15E-12W3V3 Series
Performance
E= Enhanced Performance
Mounting Option
V = Vertical
H= Horizontal
OUTPUT
INPUT
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
(3)
LINE
LOAD
NUMBER
(MAX.)
(MIN.)
(MAX.)
49.5W
10V - 14V
0.8V - 3.63V
0A
15A
94%
±0.2%
±1.0%
SIL15E-12W3V3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com