Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL15E Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL15E
Description  DC/DC CONVERTERS E Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL15E Datasheet(HTML) 1 Page - Emerson Network Power

  SIL15E Datasheet HTML 1Page - Emerson Network Power SIL15E Datasheet HTML 2Page - Emerson Network Power SIL15E Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
E Class Non-isolated
1
SIL15E Series
12Vin
single output
NEW Product
File Name: sil15e_12.pdf Rev: 14 Aug 2003
TÜV
2 YEAR WARRANTY
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
• 15A Current rating
• Input voltage range: 10V - 14V
• Output voltage range: 0.8V - 3.63V
• Ultra high efficiency: 94% @ 12Vin and 3.3Vout
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Designed in reliability: MTBF of >7 million hours
per Telcordia SR-332
• Ideal solution where board space is at a premium
or tighter card pitch is required
• Industry standard footprint and pin out
The SIL15E series are non-isolated DC/DC converters packaged in a single-in-line footprint
giving designers a cost effective solution for conversion from a 12V source. The SIL15E
offers a range of fixed outputs and one wide trim output unit at an industry leading 15A
which allows maximum design flexibility and a pathway for future upgrades. The SIL15E is
designed for applications that include distributed power, workstations, optical network and
wireless applications. Implemented using state of the art surface mount technology and
automated manufacturing techniques, the SIL15E offers compact size and efficiencies of up
to 94%.
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
See table
Insulation voltage
Non-isolated
Switching frequency
Fixed
200kHz typ.
Approvals and
EN60950
standards
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(LxWxH)
50.8 x 7.8 x 12.7mm
(Vertical model)
2.0 x 0.31 x 0.5 inches
Pin length
0.135 ±0.02 in (3.43 ±0.5mm)
Weight
5g (0.18oz)
MTBF
Telcordia SR-332
7,042,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40ºC to +85ºC
(See Note 2)
temperature
Non-operating
-40ºC to +125ºC
PROTECTION
Short-circuit protection
Continuous
Thermal protection
Automatic recovery
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No.
E174104
UL 60950 file No.
E174104
TÜV
TÜV Product Service (EN60950) Certificate No. B02 12 38272 035
CB report and certificate to IEC60950
OUTPUT SPECIFICATIONS
Voltage adjustability
0.8V to 3.63V
Setpoint accuracy
±0.4% typ.
Line regulation
±0.2% typ.
Load regulation
±1.0%typ.
Total error band
±3.0% typ.
Minimum load
0A
Overshoot/undershoot
None
Ripple and noise
5Hz to 20MHz
60mV pk-pk
25mV rms
Temperature co-efficient
±0.01%/ºC
Transient response
100mV max. deviation
100µs recovery to
within ±1.0%
Remote sense
10% Vo compensation
INPUT SPECIFICATIONS
Input voltage range
10 to 14VDC
Input current
No load
70mA
Input current (max.)
5.5A max. @ Io max.
and Vout = 3.3V
Input reflected ripple
60mA rms
Remote ON/OFF
(See Note 1)
Start-up time
35ms


Similar Part No. - SIL15E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL15E ARTESYN-SIL15E Datasheet
564Kb / 23P
3.0 Vin to 5.5 Vin Single output
logo
Advanced Energy Industr...
SIL15E ADVANCEDENERGY-SIL15E Datasheet
333Kb / 5P
Non-Isolated DC-DC Converters
logo
Artesyn Technologies
SIL15E-05S1V8-HJ ARTESYN-SIL15E-05S1V8-HJ Datasheet
393Kb / 4P
Embedded Power for Business-Critical Continuity
SIL15E-05S1V8-VJ ARTESYN-SIL15E-05S1V8-VJ Datasheet
564Kb / 23P
3.0 Vin to 5.5 Vin Single output
SIL15E-05S1V8-VJ ARTESYN-SIL15E-05S1V8-VJ Datasheet
393Kb / 4P
Embedded Power for Business-Critical Continuity
More results

Similar Description - SIL15E

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL05E EMERSON-NETWORKPOWER-SIL05E Datasheet
164Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL10E EMERSON-NETWORKPOWER-SIL10E Datasheet
189Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT10E EMERSON-NETWORKPOWER-SMT10E Datasheet
168Kb / 3P
DC-DC CONVERTERS E Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com