Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL40C Datasheet(PDF) 3 Page - Emerson Network Power

Part # SIL40C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL40C Datasheet(HTML) 3 Page - Emerson Network Power

  SIL40C Datasheet HTML 1Page - Emerson Network Power SIL40C Datasheet HTML 2Page - Emerson Network Power SIL40C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL40C Series
12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
3
NEW Product
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
 Application Note  Longform Datasheet
www.artesyn.com
File Name: sil40c.pdf Rev (04): 16 Dec 2005
2.300
(58.42)
All dimensions in inches (mm)
General tolerance
±0.015in (±0.30mm)
except where specified otherwise
0.025
±0.001
(0.64) Typ
±0.025
0.050
(1.27)
2.400
(60.96)
Pin 1
0.100
(2.54) Typ
0.090
(2.29)
0.250
(6.35)
1.200
(30.48)
0.52
±0.02
(13.20
±0.5)
0.025
±0.001
(0.64) Typ
±0.025
0.26
±0.03
(6.591
±0.76)
0.062
(1.57) Ref
0.09
±0.02
(2.4
±0.5)
0.050
(1.27) Typ
0.019
(0.48) Ref
All dimensions in INCHES (mm)
General tolerance
±0.015in (±0.30mm)
except where specified otherwise
0.470
(11.94)
0.150
(3.82)
0.120
(3.05)
0.150
(3.81) Ref.
0.212
(5.38)
0.120
(3.05)
0.090
(2.29)
1.200
(30.48)
0.290
(7.46)
0.100
(2.54) Typ.
2.300
(58.42)
2.400
(60.96)
0.050
(1.27)
Figure 1: Mechanical Drawing - Horizontal Mount Version
Figure 2: Mechanical Drawing - Vertical Mount Version
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1
Trim
2
No Pin
3
Ground
4
Power good
5
Not connected
6
Current share
7
Ground
8
Ground
9
Remote ON/OFF
10
Remote sense -
11
Remote sense +
12
Vin
13
Vin
14
Vin
15
Vout
16
Vout
17
Ground
18
Vout
19
Ground
20
Vout
21
Ground
22
Vout
23
Ground
24
Vout



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com