Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL40C Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL40C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL40C Datasheet(HTML) 1 Page - Emerson Network Power

  SIL40C Datasheet HTML 1Page - Emerson Network Power SIL40C Datasheet HTML 2Page - Emerson Network Power SIL40C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SIL40C Series
12 Vin single output
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS
DC-DC CONVERTERS
C Class Non-isolated
1
• 40 A current rating
• Input voltage range: 10.2 Vdc to 13.8 Vdc
• Output voltage range: 0.9 Vdc to 5.0 Vdc
• Industry leading value
• Cost optimized design
• Excellent transient response
• Output Voltage adjustability
• Pathway for future upgrades
• Supports silicon voltage migration
• Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of >4 million hours
per Telcordia SR-332
• Current share
• Available RoHS compliant
The SIL40C Series is a new high density open frame non-isolated converter for space-sensitive
applications. Each model has a wide input range (10.2 Vdc to 13.8 Vdc) and offer a wide
0.9 Vdc to 5.0 Vdc output voltage range with a 40 A load. An external resistor adjusts the
output voltage from its pre-set value of 0.9 V to any value up to 5 V. Typical efficiencies are
92% at full load conditions. The SIL40C series offers remote ON/OFF and overcurrent
protection as standard. With full international safety approval including EN60950 and
UL/cUL60950, the SIL40C reduces compliance costs and time to market.
NEW Product
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 5)
0.9-5.0 Vdc
Output setpoint accuracy 1.0% trim resistors
±3.0%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±1.5% max.
Min/max load
0 A/40 A
Overshoot
At turn-on
1.0% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
(See Note 1)
50 mV pk-pk
5 Hz to 20 MHz
15 mV rms
Transient response
Deviation
75 mV
(See Note 2)
50 µs recovery to
within regulation band
INPUT SPECIFICATIONS
Input voltage range
10.2-13.8 Vdc
Input current
Minimum load
290 mA
Remote OFF
30 mA
Input current (max.)
22 A max @ lo max
and Vin = 10.2 V
Input reflected ripple
(See Note 4)
150 mA pk-pk
Remote ON/OFF
Logic compatibility
Active high
ON
>2.4 Vdc
OFF
<0.8 Vdc
Start-up time
Power up
<30 ms
(See Note 9)
Remote ON/OFF
<30 ms
Turn ON threshold
9.0 Vdc
Turn OFF threshold
7.6 Vdc
GENERAL SPECIFICATIONS
Efficiency
See table
Switching frequency
Fixed
300 kHz typ.
Approvals and
(See Note 7)
TÜV Product Services
standards
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
28.3 g (1.0 oz)
MTBF
Telcordia SR-332,
4,585,991 hours
method II @ 40 ºC
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 ºC to +80 ºC
(See Note 10)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Foldback, non-latching
Overtemperature
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 11) 2 x 270 µF/20 m
Ω esr max.
Output capacitance
(See Note 11) 3 x 680 µF/10 m
Ω esr max.
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E139421
UL60950 file No. E139421
TÜV Product Service (EN60950) Certificate No. B 03 08 19870 219
CB report and certificate to IEC60950
2 YEAR WARRANTY
File Name: sil40c.pdf Rev (04): 16 Dec 2005


Similar Part No. - SIL40C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL40C ARTESYN-SIL40C Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL40C-00SADJ-HJ ARTESYN-SIL40C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL40C-00SADJ-VJ ARTESYN-SIL40C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL40C-12SADJ-HJ ARTESYN-SIL40C-12SADJ-HJ Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL40C-12SADJ-VJ ARTESYN-SIL40C-12SADJ-VJ Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL40C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com