Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT20C Datasheet(PDF) 2 Page - Emerson Network Power

Part # SMT20C
Description  new high density open frame non-isolated converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT20C Datasheet(HTML) 2 Page - Emerson Network Power

  SMT20C Datasheet HTML 1Page - Emerson Network Power SMT20C Datasheet HTML 2Page - Emerson Network Power SMT20C Datasheet HTML 3Page - Emerson Network Power SMT20C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.06.25.07
SMT20C
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input Vin=12V, full load at 25
°C unless otherwise stated.
Specifications
OUTPUT SPECIFICATIONS
Voltage adjustability
5 V input models
0.9-3.3 Vdc
(See Note 5)
12 V input models
0.9-5.0 Vdc
Output setpoint accuracy With 1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
±1.3% max.
Min/max load
0 A/20 A
Overshoot
5 V input models
3.0% max.
(at turn on)
12 V input models
1.0% max.
Ripple and noise
(See Note 1)
See Table on page 2
5 Hz to 20 MHz
Transient response
100 mV max. deviation
(See Note 2)
200 μs recovery to
within regulation band
INPUT SPECIFICATIONS
Input voltage range
5 V input model
4.5-5.5 Vdc
12 V input model
10.2-13.8 Vdc
Input current
Minimum load
65 mA
Remote OFF
20 mA
Input current (max.)
5 V input model
15 A @ lo max.
(See Note 3)
12 V input model
11 A @ lo max.
Input reflected ripple
(See Note 4)
200 mA (pk-pk)
Remote ON/OFF
Logic compatibility
Positive Logic
ON
>2.4 Vdc
OFF
<0.8 Vdc
Start-up time
Power up
<20 ms
(See Note 8)
Remote ON/OFF
<20 ms
INPUT SPECIFICATIONS (CONTD.)
Turn ON threshold
5 Vin
4.5 Vdc typ.
12 Vin
9.3 Vdc typ.
Turn OFF threshold
5 Vin
4.3 Vdc typ.
12 Vin
7.8 Vdc typ.
GENERAL SPECIFICATIONS
Efficiency
See Table on page 2
Switching frequency
Fixed
275 kHz typ.
Approvals and
(See Note 7)
TÜV Product Services
standards
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
14.2 g (0.5 oz)
Coplanarity
150 μm
MTBF
Telcordia SR-332
7,963,574 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 °C to +80 °C
(See Note 9)
temperature
Non-operating
-40 °C to +125 °C
PROTECTION
Short-circuit protection
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 10)
270 μF/20 mW ESR max.
Output capacitance
(See Note 10)
680 μF/10 mW ESR max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com