Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT20C Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT20C
Description  new high density open frame non-isolated converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT20C Datasheet(HTML) 3 Page - Emerson Network Power

  SMT20C Datasheet HTML 1Page - Emerson Network Power SMT20C Datasheet HTML 2Page - Emerson Network Power SMT20C Datasheet HTML 3Page - Emerson Network Power SMT20C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.06.25.07
SMT20C
3 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input Vin = 12 V, full load at 25
°C unless otherwise stated.
Specifications
SMT20C -12S AD JJ
Part Number System with Options
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SMT = Surface Mount
Performance
C = Cost Optimized
Input Voltage
05 = 4.5 Vdc to 5.5 Vdc
12 = 10.2 Vdc to 13.8 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT20C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SMT20C series converter
leaves the factory the output has been adjusted to the default voltage of 0.9 V.
Output Voltage Adjustment of the SMT20C Series
Packaging Options(12)
J = Pb-free (RoHS 6/6 compliant)
Rated Output Current
20 = 20 A
Notes
1
Measured as per recommended set-up. 2 x Cin = 270 μF (20 mW ESR max,
Cout = 680 μF (10 mW ESR max).
2
di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo max. to 0.75 lo
max. and 0.75 lo max. to 0.50 lo max. At 12 V, 0.9 Vout, the max voltage
deviation is 200 mV.
3
External input fusing is recommended.
4
Measured with external filter. See Application Note 169 for details.
5
Uses external resistor from trim pin to output ground. Min value = 485 W for
5 V model, 280 W for 12 V model. See Application Note 169 for details.
6
Signal line assumed <3 m in length.
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
Power-up is the time from application of dc input to Power Good enabled.
Remote ON/OFF is from ON/OFF asserted high to power good enabled.
9
See Application Note 169 for operation above 50 °C.
10 See Application Note 169 for ripple current requirements.
11 These models have a wide trim output. 5 Vin has an output of 0.9Vdc to 3.3
Vdc and 12 Vin has an output of 0.9 Vdc to 5 Vdc. An external resistor adjusts
the output voltage.
12 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
13 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
Ripple and Noise Specification
Output
Model
Voltage
Pk - Pk
RMS
5 V input models
0.9 Vdc to 2.5 Vdc
30 mV
15 mV
3.3 Vdc
40 mV
15 mV
12 V input models
0.9 Vdc to 2.5 Vdc
50 mV
25 mV
3.3 Vdc to 5 Vdc
50 mV
25 mV
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
MAXIMUM
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(11)
CURRENT
CURRENT
LOAD
LINE
LOAD
NUMBER
(12,13)
(MAX.)
(MIN.)
(MAX.)
(TYP.)
66 W
4.5-5.5 Vdc
N/A
0.9-3.3 V
0 A
20 A
87%
±0.2%
±1.3%
SMT20C-05SADJJ
100 W
10.2-13.8 Vdc
N/A
0.9-5.0 V
0 A
20 A
91%
±0.2%
±1.3%
SMT20C-12SADJJ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com