Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT40C Datasheet(PDF) 2 Page - Emerson Network Power

Part # SMT40C
Description  new high density open frame non-isolated converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT40C Datasheet(HTML) 2 Page - Emerson Network Power

  SMT40C Datasheet HTML 1Page - Emerson Network Power SMT40C Datasheet HTML 2Page - Emerson Network Power SMT40C Datasheet HTML 3Page - Emerson Network Power SMT40C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.06.25.07
smt40c
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input Vin = 12V, full load at 25
°C unless otherwise stated.
Specifications
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 5)
0.9-5.0 Vdc
Output setpoint accuracy 1.0% trim resistors
±3.0%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±1.5% max.
Min/max load
0 A/40 A
Overshoot
At turn-on
1.0% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
(See Note 1)
50 mV pk-pk
5 Hz to 20 MHz
15 mV rms
Transient response
75 mV max. deviation
(See Note 2)
50 μs recovery to
within regulation band
Current share
Full load
±10%
INPUT SPECIFICATIONS
Input voltage range
10.2-13.8 Vdc
Input current
Minimum load
290 mA
Remote OFF
30 mA
Input current (max.)
22 A max @ lo max
and Vin = 10.2 V
Input reflected ripple
(See Note 4)
150 mA pk-pk
Remote ON/OFF
Logic compatibility
Positive logic
ON
>2.4 Vdc
OFF
<0.8 Vdc
Start-up time
Power up
<30 ms
(See Note 8)
Remote ON/OFF
<30 ms
Turn ON threshold
9.0 Vdc typ.
Turn OFF threshold
7.6 Vdc typ.
GENERAL SPECIFICATIONS
Efficiency
92% typ.
Switching frequency
Fixed
300 kHz typ.
Approvals and
(See Note 7)
TÜV Product Services
standards
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
28.3 g (1.0 oz)
Coplanarity
150 μm
MTBF
Telcordia SR-332,
4,585,991 hours
method II @ 40 ºC
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 °C to +80 °C
(See Note 9)
temperature
Non-operating
-40 °C to +125 °C
PROTECTION
Short-circuit
Foldback, non-latching
Over-temperature
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 10) 2 x 270 μF/20 mW ESR max.
Output capacitance
(See Note 10) 3 x 680 μF/10 mW ESR max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com