Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT40C Datasheet(PDF) 3 Page - Emerson Network Power

Part # SMT40C
Description  new high density open frame non-isolated converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SMT40C Datasheet(HTML) 3 Page - Emerson Network Power

  SMT40C Datasheet HTML 1Page - Emerson Network Power SMT40C Datasheet HTML 2Page - Emerson Network Power SMT40C Datasheet HTML 3Page - Emerson Network Power SMT40C Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev.06.25.07
smt40c
3 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
Notes
1
Measured as per recommended set-up. 2 x Cin = 270 μF (20 mW ESR max, 3 x
Cout = 680 μF (10 mW ESR max).
2
di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo max. to 0.75 lo
max. and 0.75 lo max. to 0.50 lo max.
3
External input fusing is recommended.
4
Measured with external filter. See Application Note 170 for details.
5
Uses external resistor from trim pin to output ground. See Application Note
170 for details.
6
Signal line assumed <3 m in length.
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
Power-up is the time from application of dc input to Power Good enabled.
Remote ON/OFF is from ON/OFF asserted high to power good enabled.
9
See Application Note 170 for operation above 50 °C.
10 See Application Note 170 for ripple current requirements.
11 These models have a wide trim output. The unit has an output of 0.9Vdc to 5
Vdc. An external resistor adjusts the output voltage.
12 For redundant current sharing applications that use ORing diodes to separate
the outputs, please add the suffix ‘-S’ to the part number, e.g. SMT40C-
12SADJ-SJ. Please refer to Application Note 170 for further details.
13 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special
request, please contact your local sales representative for details.
14 NOTICE: Some models do not support all options. Please contact your local
Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(11)
CURRENT
CURRENT
LINE
LOAD
NUMBER
(13,14)
(MAX.)
(MIN.)
(MAX.)
200 W
10.2-13.8 Vdc
N/A
0.9-5.0 Vdc
0 A
40 A
92%
±0.2%
±1.5%
SMT40C-12SADJJ
SMT40C -12S AD J -SJ
Part Number System with Options
Rated Output Current
40 = 40Amps
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SMT = Surface Mount
Performance
C = Cost Optimized
Input Voltage
12 = 10.2 Vdc to 13.8 Vdc
The ultra-wide output voltage trim range offers major advantages to users who
select the SMT40C series. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SMT40C series converter
leaves the factory the output has been adjusted to the default voltage of 0.9 V.
Output Voltage Adjustment of the SMT40C Series
Current Sharing (12)
No Suffix = Non-isolated
Suffix ‘-S’ = Isolated
Packaging Options(13)
J = Pb-free (RoHS 6/6 compliant)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com