Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL20C Datasheet(PDF) 1 Page - Emerson Network Power

Part # SSL20C
Description  EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SSL20C Datasheet(HTML) 1 Page - Emerson Network Power

  SSL20C Datasheet HTML 1Page - Emerson Network Power SSL20C Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL AC/DC POWER SUPPLIES
20 W External AC/DC Power Supplies
1
2 YEAR WARRANTY
SSL20C Series
Single Output External P o wer Supply
• 4.65 x 2.40 x 1.08 inch enclosure
• 20 W continuous external power supply
• Molded UL94V-0 plastic enclosure
• Overvoltage and short circuit protection
• EN55022, FCC conducted and radiated emissions level B
• UL, CSA, VDE and CE safety approvals
• Available RoHS compliant
The SSL20C series is a 20 W universal input ac/dc external Class II power supply in a
4.65 x 2.40 x 1.08 inch plastic enclosure. The SSL20C represents the next generation of
low cost external power supplies, suitable for a host of worldwide low power external
power applications. The SSL20C provides up to 20 W under natural convection cooling.
Standard features include universal ac input, overvoltage and short circuit protection
and meets EN55022 level B for conducted emissions. The SSL20C has several output
voltages available ranging from 5 V to 48 V. The series has full international safety
approvals and carries the CE mark to provide pre-approved SELV outputs.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
OUTPUT SPECIFICATIONS
Total regulation
Main output
±5.0%
(See Note 3)
Line, load and
temperature co-efficient
Overshoot/undershoot
Less than 10ms
10%
Transient response
Main output
±5.0% of nominal
70% to 100%
voltage
full load step
Overvoltage protection
Auto-recovery
140% nominal
(See Note 5)
Short circuit protection
Continuous
with auto-recovery
Minimum output current
0 A
INPUT SPECIFICATIONS
Input voltage range
Universal input
90-264 Vac
Input frequency range
47-63 Hz
Input current
90 Vac
0.6 Arms max.
264 Vac
0.3 Arms max.
EMC CHARACTERISTICS
Radiated emissions
EN55022, FCC
Level B
Conducted emissions
EN55022, FCC
Level B
SPECIFICATIONS
International Safety Standard Approvals
VDE0805/EN60950/IEC950 File No. 129739G
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062
geprüfte
Sicherhelt
GENERAL SPECIFICATIONS
Hold-up time
115 Vac @ full load
10 ms
Efficiency
115 Vac @ full load
70% typ.
5 V models only
65% typ.
Isolation voltage
Input/output
3000 Vac
Switching frequency
Fixed
72 kHz, Typ.
Approvals and
EN60950, IEC950, UL1950
standards (See Note 4)
CSA C22.2 No. 950
Case material
General Electric Lexan, black
Flammability rating
UL94V-0
Weight
200 g (7 oz)
MTBF
MIL-HDBK-217F
>150,000 hours
@ 25 °C
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating, full load
0 °C to +40 °C
Non-operating
–40 °C to +85 °C
0 °C to +40 °C ambient,
Full load
convection cooled
Relative humidity
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration (See Note 6)
5-500 Hz
2.4 G (approx.)
Shock
per MIL-STD-810E
516.4 Part IV
File Name: ssl20c.pdf Rev (03): 07 Nov 2005


Similar Part No. - SSL20C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
SSL20C-7605 ARTESYN-SSL20C-7605 Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
SSL20C-7612 ARTESYN-SSL20C-7612 Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
SSL20C-7615 ARTESYN-SSL20C-7615 Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
SSL20C-7617 ARTESYN-SSL20C-7617 Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
More results

Similar Description - SSL20C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SSL40C ARTESYN-SSL40C Datasheet
194Kb / 2P
40W External AC/DC Power Supplies
SSL20C ARTESYN-SSL20C Datasheet
186Kb / 2P
20W External AC/DC Power Supplies
SSL20 ARTESYN-SSL20 Datasheet
79Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 15-20 W External AC/DC Power Supplies
SSL40 ARTESYN-SSL40 Datasheet
75Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
Emerson Network Power
SSL40C EMERSON-NETWORKPOWER-SSL40C Datasheet
89Kb / 2P
EXTERNAL AC/DC POWER SUPPLIES 40 W External AC/DC Power Supplies
logo
TDK Electronics
DTM65-C TDK-DTM65-C Datasheet
244Kb / 2P
40W to 65W Medical AC-DC External Power Supplies
DT62 TDK-DT62 Datasheet
239Kb / 2P
62W to 80W AC-DC External Power Supplies
DT100 TDK-DT100 Datasheet
162Kb / 2P
100W to 150W AC-DC External Power Supplies
DTM165-C TDK-DTM165-C Datasheet
105Kb / 2P
160W to 165W Medical AC-DC External Power Supplies
logo
CUI INC
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com