Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL20C Datasheet(PDF) 2 Page - Emerson Network Power

Part # SSL20C
Description  EXTERNAL AC/DC POWER SUPPLIES 20 W External AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SSL20C Datasheet(HTML) 2 Page - Emerson Network Power

  SSL20C Datasheet HTML 1Page - Emerson Network Power SSL20C Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. The information and specifications contained or described herein are subject to change in any manner at any time without notice. No rights under any patent
accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
Peak output current lasting less than 3 seconds and non repetitive. During
peak loading output voltage may exceed total regulation limits.
2
20 MHz bandwidth, peak to peak, measured using 0.1 µF ceramic capacitor
in parallel with a 10 µF tantalum capacitor at the point of output load.
3
Total regulation is defined as the static output regulation at 25 °C, including
initial tolerance, line voltage within stated limits, load currents within stated
limits, and output voltages adjusted to their factory settings.
4
To help maintain the power supply safety approvals, the IEC320/C7 input
connector cable must be rated minimum 3.0 A and approved by an
applicable safety agency for the intended country of use. National and
international variations on mains plugs, adapters and customer preference
to lead length prevents Artesyn from supplying an IEC320/C7 (or
compatible) input connector cable. The IEC320/C7 input (or compatible)
connector cable can be sourced locally, e.g. Newark, Qual Electronics,
Radio Shack, etc. or other non affiliated distributors.
5
This feature protects output circuitry from output overvoltage caused by
internal PSU failure.
6
The ‘J’ suffix indicates that these parts are Pb-free (RoHS 6/6) compliant.
TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
7
NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool at
http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
SSL20C Series
Single Output External P o wer Supply
EXTERNAL AC/DC POWER SUPPLIES
20 W External AC/DC Power Supplies
2
www.artesyn.com
OUTPUT
OUTPUT CURRENTS
RIPPLE (2)
TOTAL
OVP
MODEL
VOLTAGE
MIN
MAX
PEAK (1)
REGULATION (3)
(MAX)
NUMBER (6.7)
+5 V
0 A
4.0 A
4.80 A
50 mV
4.75-5.25 V
7 V
SSL20C-7605J
+12 V
0 A
1.67 A
2.00 A
120 mV
11.4-12.6 V
16.8 V
SSL20C-7612J
+15 V
0 A
1.34 A
1.60 A
150 mV
14.25-15.75 V
21 V
SSL20C-7615J
+18 V
0 A
1.11 A
1.33 A
180 mV
17.1-18.9 V
25.2 V
SSL20C-7618J
+24 V
0 A
0.83 A
1.00 A
240 mV
22.8-25.2 V
33.6 V
SSL20C-7624J
+48 V
0 A
0.42 A
0.50 A
300 mV
45.6-50.4 V
64 V
SSL20C-7617J
SINGLE OUTPUT PIN CONNECTIONS 2.5 MM JACK PLUG
Inner
V
A
SWITCHCRAFT Power
Outer
Return
Jack, P/N 712A or equiv.
INPUT CONNECTOR
IEC 320
two pins
C8 type
Rated at 2.5 A, 250 Vac
File Name: ssl20c.pdf Rev (03): 07 Nov 2005
Cable Length
36.00
±0.79
[914.0
±20]
0.098
[2.50]
4.646
±0.02 [118.0 ±0.5]
All Dimensions in inches [mm]
1.083
+0.024
-0.000
27.5
+0.6
-0.0
2.5 mm Phone Jack



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com