Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4261
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4261 Datasheet HTML 9Page - Linear Technology LTC4261 Datasheet HTML 10Page - Linear Technology LTC4261 Datasheet HTML 11Page - Linear Technology LTC4261 Datasheet HTML 12Page - Linear Technology LTC4261 Datasheet HTML 13Page - Linear Technology LTC4261 Datasheet HTML 14Page - Linear Technology LTC4261 Datasheet HTML 15Page - Linear Technology LTC4261 Datasheet HTML 16Page - Linear Technology LTC4261 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTC4261/LTC4261-2
13
42612fb
22
1
6
5
28
27
4
3
VEE
R6
100k
RIN
8
× 240Ω IN SERIES
1/4W EACH
CVCC
0.1
µF
VEE
CIN
1
µF
MOC207
21
723
R8
7.5k
R7A
10k
R7B
10k
R9
5.1k
R7
100k
R24
5.1k
R23
1k
R22
1k
R17
100k
1%
Q11
2N5401
OUTPUT
SENSE
Q12
2N5401
R19
2.49k
1%
VEE
VEE
VOUT
VOUT
VOUT
R20
2.49k
1%
R18
100k
1%
R4
20k
R21
1k
5V
LUCENT
FLTR100V10
VIN
+
–48V RTN OUTPUT
VIN
–
CASE
VOUT
+
VOUT
–
MICRO-
CONTROLLER
VDD
GND
SCL
SDA
ALERT
MBRM5100
CL
4000
µF
100V
0V TRANSIENT
RESEVOIR
CAPACITOR
RST
LUCENT
JW050A1-E
VIN
+
VIN
–
VEE
Q5
MOC207
ON/OFF
CASE
LTC2900
SUPPLY
MONITOR
VDD
RST
GND
VOUT
+
VOUT
–
RL
343
Ω
7
× 2.4k, 0805
EACH 28.7W
+
Q8
A
B
ANODE
VCC
Q3
HCPL-0300
GND
CATHODE
RL
VOUT
ANODE
VCC
Q4
Q6
Q7
42612 F02b
5V
PS9113
PS9113
6N139
CATHODE
VO
VO
VCC
GND
ANODE
CATHODE
VO
VCC
ANODE
CATHODE
GND
GND
FLTIN
PGI
SCL
SDAI
PGIO
PG
SDAO
ALERT
LTC4261CGN
VIN
INTVCC
ADIN
Figure 2b. 200W AdvancedTCA Hot Swap Controller with Input/Output Monitoring
and Power Good Watchdog Using LTC4261 in I2C Mode (Part Two)
the voltage at VIN to 11.2V (VZ) and provides power to the
GATE driver. The data converter and logic control circuits
are powered by an internal linear regulator that derives
5V from the 11.2V supply. The 5V output is available at
the INTVCC pin for driving external circuits (up to 20mA
load current).
Bypass capacitors of 1µF and 0.1µF are recommended
at VIN and INTVCC, respectively. RIN should be chosen
to accommodate the maximum supply current require-
ment of the LTC4261/LTC4261-2 (5mA) plus the supply
current required by any external devices driven by the
VIN and INTVCC pins at the minimum intended operation
voltage.
R
VV
II
IN
VMIN
Z MAX
IN MAX
EXTERNAL
≤
+
48 (
)
(
)
()
–
The maximum power dissipation in the resistor is:
P
VV
R
MAX
VMAX
Z MIN
IN
= ()
48
2
()
(
)
–
If the power dissipation is too high for a single resistor,
use multiple low power resistors in series.
Initial Start-Up and Inrush Control
Several conditions must be satisfied before the FET turn-on
sequence is started. First the voltage at VIN must exceed
its 9V undervoltage lockout level. Next the internal supply
INTVCC must cross its 4.25V undervoltage lockout level.
This generates a 100µs to 160µs power-on-reset pulse
during which the FAULT register bits are cleared and the
CONTROL register bits are set or cleared as described in
the register section. After the power-on-reset pulse, the
voltages at the UVH, UVL and OV pins must satisfy UVH
> 2.56V, UVL > 2.291V and OV < 1.77V to indicate that
the input power is within the acceptable range and the EN
pin must be pulled low. All the above conditions must be
satisfied throughout the duration of the start-up debounce
delay that is set by an external capacitor (CTMR) connected
to the TMR pin. CTMR is charged with a pull-up current of
10µA until the voltage at TMR reaches 2.56V. CTMR is then
quickly discharged with a 12mA current. The initial delay
expires when TMR is brought below 75mV. The duration
of the start-up delay is given by:
tms
C
µF
D
TMR
= 256
1
•
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com