Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4261
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261 Datasheet(HTML) 3 Page - Linear Technology

  LTC4261 Datasheet HTML 1Page - Linear Technology LTC4261 Datasheet HTML 2Page - Linear Technology LTC4261 Datasheet HTML 3Page - Linear Technology LTC4261 Datasheet HTML 4Page - Linear Technology LTC4261 Datasheet HTML 5Page - Linear Technology LTC4261 Datasheet HTML 6Page - Linear Technology LTC4261 Datasheet HTML 7Page - Linear Technology LTC4261 Datasheet HTML 8Page - Linear Technology LTC4261 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC4261/LTC4261-2
3
42612fb
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at IIN = 5mA, TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General
VZ
Shunt Regulator Voltage at VIN
IIN = 5mA
●
10.65
11.2
11.8
V
ΔVZ
Shunt Regulator Load Regulation
IIN = 5mA to 25mA
●
370
600
mV
IIN
VIN Supply Current
VIN = VZ – 0.3V
●
25
mA
VIN(UVLO)
VIN Undervoltage Lockout Threshold
VIN Rising
●
8.599.5
V
ΔVIN(UVLO)
VIN Undervoltage Lockout Hysteresis
●
0.3
0.7
1
V
INTVCC
Internal Regulator Voltage
ILOAD = 1mA to 20mA, IIN = 25mA
●
4.75
5
5.25
V
Gate Drive
VGATEH
GATE Pin Output High Voltage
VIN = 10.65V
●
10
10.25
10.5
V
IGATE(UP)
GATE Pin Pull-Up Current
VGATE = 4V
●
–7.5
–11.5
–15.5
µA
IGATE(OFF)
GATE Turn-Off Current
VSENSE = 300mV, VGATE = 4V
●
60
110
140
mA
Gate Off, VGATE = 4V
●
60
110
140
mA
tPHL(SENSE)
SENSE High to Current Limit
VSENSE = 100mV, CGATE = 1pF
●
0.5
1.5
µs
Propagation Delay
VSENSE = 300mV, CGATE = 1pF
●
0.2
0.5
µs
tPHL(GATE)
GATE Off Propagation Delay
Input High (OV, EN, PGI), Input Low (ON, UVL),
CGATE = 1pF
●
0.2
0.5
µs
tPHLCB
Circuit Breaker Gate Off Delay
VGATE < 2V, CGATE = 1pF
●
440
530
620
µs
IRAMP
RAMP Pin Current
VSS = 2.56V
●
–18
–20
–22
µA
VSS
SS Pin Clamp Voltage
●
2.43
2.56
2.69
V
ISS(UP)
SS Pin Pull-Up Current
VSS = 0V
●
–7
–10
–13
µA
ISS(DN)
SS Pin Pull-Down Current
VSS = 2.56V
●
612
20
mA
Input Pins
VUVH(TH)
UVH Threshold Voltage
VUVH Rising
LTC4261C
LTC4261I
●
●
2.534
2.522
2.56
2.56
2.586
2.598
V
VUVL(TH)
UVL Threshold Voltage
VUVL Falling
LTC4261C
LTC4261I
●
●
2.263
2.254
2.291
2.291
2.319
2.328
V
ΔVUV(HYST)
Built-In UV Hysteresis
UVH and UVL Tied Together
●
256
269
282
mV
δVUV
UVH, UVL Minimum Hysteresis
15
mV
VUVLR(TH)
UVL Reset Threshold Voltage
VUVL Falling
●
1.12
1.21
1.30
V
ΔVUVLR(HYST)
UVL Reset Hysteresis
60
mV
VOV(TH)
OV Pin Threshold Voltage
VOV Rising
LTC4261C
LTC4261I
●
●
1.744
1.735
1.770
1.770
1.796
1.805
V
ΔVOV(HYST)
OV Pin Hysteresis
●
18
37.5
62
mV
ΔVSENSE
Current Limit Sense Voltage Threshold
VSENSE – VEE
●
45
50
55
mV
VINPUT(TH)
ON, EN, PGI, FLTIN Threshold Voltage
ON, EN, PGI, FLTIN Falling or Rising
●
0.8
1.4
2
V
ΔVINPUT(HYST)
ON, EN, PGI, FLTIN Hysteresis
170
mV
VPGIO(TH)
PGIO Pin Input Threshold Voltage
VPGIO Rising
●
1.10
1.25
1.40
V
ΔVPGIO(HYST)
PGIO Pin Input Hysteresis
100
mV
IINPUT
ON, EN, UVH, UVL, OV, SENSE, PGI,
FLTIN Input Current
ON, EN, UVH, UVL, OV, SENSE, PGI, FLTIN = 3V
●
0±2
µA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com