Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4265 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4265
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 10Page - Linear Technology LTC4265 Datasheet HTML 11Page - Linear Technology LTC4265 Datasheet HTML 12Page - Linear Technology LTC4265 Datasheet HTML 13Page - Linear Technology LTC4265 Datasheet HTML 14Page - Linear Technology LTC4265 Datasheet HTML 15Page - Linear Technology LTC4265 Datasheet HTML 16Page - Linear Technology LTC4265 Datasheet HTML 17Page - Linear Technology LTC4265 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC4265
14
4265f
APPLICATIONS INFORMATION
Input Capacitor
The IEEE 802.3af/at standard includes an impedance
requirement in order to implement the AC disconnect
function. A 0.1μF capacitor (C14 in Figure 7) is used to
meet this AC impedance requirement.
Transient Voltage Suppressor
The LTC4265 specifies an absolute maximum voltage of
100V and is designed to tolerate brief overvoltage events.
However, the pins that interface to the outside world can
routinely see excessive peak voltages. To protect the
LTC4265, install a transient voltage suppressor (D3) be-
tween the input diode bridge and the LTC4265 as shown
in Figure 7.
Classification Resistor (RCLASS)
The RCLASS resistor sets the classification load current,
corresponding to the PD power classification. Select the
value of RCLASS from Table 2 and connect the resistor
between the RCLASS and VIN pins as shown in Figure 4,
or float the RCLASS pin if the classification load current is
not required. The resistor tolerance must be 1% or better
to avoid degrading the overall accuracy of the classifica-
tion circuit.
Load Capacitor
The IEEE 802.3af/at specification requires that the PD
maintains a minimum load capacitance of 5μF and does
not specify a maximum load capacitor. However, if the
load capacitor is too large, there may be a problem with
inadvertent power shutdown by the PSE.
This occurs when the PSE voltage drops quickly. The input
diode bridge reverses bias, and the PD load momentarily
powers off the load capacitor. If the PD does not draw
power within the PSE’s 300ms disconnection delay, the
PSE may remove power from the PD. Thus, it is necessary
to evaluate the load current and capacitance to ensure that
an inadvertent shutdown cannot occur.
The load capacitor can store significant energy when fully
charged. The PD design must ensure that this energy is
not inadvertently dissipated in the LTC4265. For example,
if the GND pin shorts to VIN while the capacitor is charged,
current will flow through the parasitic body diode of the
internal MOSFET and may cause permanent damage to
the LTC4265.
Power Good Interface
The LTC4265 provides complementary power good sig-
nals to simplify the DC/DC converter interface. Using the
power good signal to delay converter operation until the
load capacitor is fully charged is highly recommended to
ensure trouble free start up.
Figure 8 presents examples of power good interface cir-
cuits. The active high PWRGD pin has an open collector
transistor referenced to VOUT while the active low PWRGD
pin has a high voltage, open-drain MOSFET referenced
to VIN. The designer can choose either signal to enable
the DC/DC converter. When using PWRGD, diode D9 and
resistor RS protects the converter shutdown pin from
excessive reverse voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com