Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4265 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4265
Description  IEEE 802.3at High Power PD Interface Controller with 2-Event Classifi cation Recognition
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4265 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4265 Datasheet HTML 2Page - Linear Technology LTC4265 Datasheet HTML 3Page - Linear Technology LTC4265 Datasheet HTML 4Page - Linear Technology LTC4265 Datasheet HTML 5Page - Linear Technology LTC4265 Datasheet HTML 6Page - Linear Technology LTC4265 Datasheet HTML 7Page - Linear Technology LTC4265 Datasheet HTML 8Page - Linear Technology LTC4265 Datasheet HTML 9Page - Linear Technology LTC4265 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4265
6
4265f
APPLICATIONS INFORMATION
OVERVIEW
Power over Ethernet (PoE) continues to gain popularity
as more products are taking advantage of having DC
power and high speed data available from a single RJ45
connector. As PoE continues to grow in the marketplace,
Powered Device (PD) equipment vendors are running into
the 12.95W power limit established by the IEEE 802.3af
standard.
The IEE802.3at standard establishes a higher power alloca-
tion for Power-over-Ethernet while maintaining backwards
compatibility with the existing IEEE802.3af systems. Power
Sourcing Equipments (PSE) and Powered Devices are
distinguished as Type-1 complying with the IEEE 802.3af
power levels, or Type-2 complying with the IEEE 802.3at
power levels. The maximum available power of a Type-2
PD is 25.5W.
The IEEE802.3at standard also establishes a new method of
acquiring power classification from a PD and communicat-
ing the presence of a Type-2 PSE. A Type-2 PSE has the
option of acquiring PD power classification by performing
2-event classification (Layer 1) or by communicating with
the PD over the data line (Layer 2). In turn, a Type-2 PD
must be able to recognize both layers of communications
and identify a Type-2 PSE.
The LTC4265 is specifically designed to support the front
end of a PD that must operate under the IEEE802.3at
standard. In particular, the LTC4265 provides the T2PSE
indicator bit which recognizes 2-event classification. This
indicator bit may be used to alert the LTC4265 output load
that a Type-2 PSE is present. With an internal signature
resistor, classification circuitry, inrush control, and ther-
mal shutdown, the LTC4265 is a complete PD Interface
solution capable of supporting in the next generation PD
applications.
MODES OF OPERATION
The LTC4265 has several modes of operation depending on
the input voltage applied between the GND and VIN pins.
Figure 1 presents an illustration of voltage and current
waveforms the LTC4265 may encounter with the various
modes of operation summarized in Table 1.
DETECTION V1
CLASSIFICATION
ON
UVLO
UVLO
POWER
BAD
UVLO
ON
= RLOAD C1
PWRGD TRACKS
VIN
DETECTION V2
50
TIME
40
30
20
10
50
40
30
20
10
TIME
–10
TIME
–20
–30
–40
–50
20
10
INRUSH
dV
dt
INRUSH
C1
=
POWER
BAD
PWRGD
TRACKS
GND
PWRGD
TRACKS
GND
POWER
BAD
POWER
BAD
TIME
TIME
POWER
GOOD
POWER
GOOD
DETECTION I1
CLASSIFICATION
DETECTION I2
LOAD, ILOAD
4265 F01
ICLASS DEPENDENT ON RCLASS SELECTION
INRUSH = 100mA
I1 =
V1 – 2 DIODE DROPS
25kΩ
ILOAD =
VIN
RLOAD
I2 =
V2 – 2 DIODE DROPS
25kΩ
GND
PSE
IIN
RLOAD
RCLASS
VOUT
C1
GND
RCLASS
PWRGD
PWRGD
LTC4265
VOUT
VIN
IN DETECTION
RANGE
Figure 1. Output Voltage, PWRGD, PWRGD and
PD Current as a Function of Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com