Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSAL5300-FSZ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSAL5300-FSZ
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL5300-FSZ Datasheet(HTML) 3 Page - Vishay Siliconix

  TSAL5300-FSZ Datasheet HTML 1Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 2Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 3Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 4Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 5Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 6Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 7Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VISHAY
TSAL5300
Document Number 81008
Rev. 1.7, 08-Mar-05
Vishay Semiconductors
www.vishay.com
3
Figure 3. Pulse Forward Current vs. Pulse Duration
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Relative Forward Voltage vs. Ambient Temperature
tp – Pulse Duration ( ms )
96 11987
100
101
101
10–1
10–1
100
102
10–2
tp/T=0.01
IFSM =1A( Single Pulse )
0.05
0.1
0.5
1.0
VF - Forward Voltage(V)
13600
10 1
10 0
10 2
10 3
10 4
t p = 100 s
tp/ T = 0.001
µ
4
3
2
1
0
0.7
0.8
0.9
1.0
1.1
1.2
94 7990
IF =10mA
Tamb - Ambient Temperature (
°C)
100
80
60
40
20
0
Figure 6. Radiant Intensity vs. Forward Current
Figure 7. Radiant Power vs. Forward Current
Figure 8. Rel. Radiant Intensity/Power vs. Ambient Temperature
14327
103
101
102
104
100
0.1
1
10
1000
100
IF – Forward Current ( mA )
IF - Forward Current ( mA )
13602
10 3
10 1
10 2
10 4
10 0
0.1
1
10
1000
100
-10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF =20mA
Tamb - Ambient Temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com