Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSAL5300-FSZ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TSAL5300-FSZ
Description  High Power Infrared Emitting Diode, 950 nm, GaAlAs/GaAs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSAL5300-FSZ Datasheet(HTML) 5 Page - Vishay Siliconix

  TSAL5300-FSZ Datasheet HTML 1Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 2Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 3Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 4Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 5Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 6Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 7Page - Vishay Siliconix TSAL5300-FSZ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VISHAY
TSAL5300
Document Number 81008
Rev. 1.7, 08-Mar-05
Vishay Semiconductors
www.vishay.com
5
Tape Dimesions TSAL 5300
Option
H
± 0.5 mm
Quantity/Box
CS21Z
22
1000
FSZ
27
1000
GSZ
29
1000
MSZ
25.5
1000
Figure 11.
∅ 5 mm devices on tape
19314



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com