Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4306 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4306
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306 Datasheet(HTML) 2 Page - Linear Technology

  LTC4306 Datasheet HTML 1Page - Linear Technology LTC4306 Datasheet HTML 2Page - Linear Technology LTC4306 Datasheet HTML 3Page - Linear Technology LTC4306 Datasheet HTML 4Page - Linear Technology LTC4306 Datasheet HTML 5Page - Linear Technology LTC4306 Datasheet HTML 6Page - Linear Technology LTC4306 Datasheet HTML 7Page - Linear Technology LTC4306 Datasheet HTML 8Page - Linear Technology LTC4306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4306
4306f
2
(Note 1)
Supply Voltage (VCC) ................................... –0.3V to 7V
Input Voltages (ADR0, ADR1, ADR2,
ENABLE, ALERT1, ALERT2, ALERT3,
ALERT4) .................................................. –0.3V to 7V
Output Voltages (ALERT, READY) ............... –0.3V to 7V
Input/Output Voltages (SDAIN, SCLIN,
SCL1, SDA1, SCL2, SDA2, SCL3,
SDA3, SCL4, SDA4, GPIO1, GPIO2) ........ –0.3V to 7V
Output Sink Currents (SDAIN, SCLIN, SCL1-4, SDA1-4,
GPI01-2, ALERT, READY) ..................................... 10mA
Operating Temperature Range
LTC4306C ............................................... 0
°C to 70°C
LTC4306I ............................................. –40
°C to 85°C
Storage Temperature Range
SSOP ................................................. –65
°C to 150°C
QFN ................................................... –65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................ 300
°C
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
LTC4306CUFD
LTC4306IUFD
EXPOSED PAD (PIN 25), PCB CONNECTION OPTIONAL
MUST BE CONNECTED TO THE PCB TO OBTAIN
θJA = 43°C/W OTHERWISE θJA = 140°C/W. TJMAX = 125°C
UF PART MARKING*
4306
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LTC4306CGN
LTC4306IGN
TJMAX = 125°C, θJA = 85°C/W
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
SCL3
SDA3
ALERT
SDAIN
GND
SCLIN
ENABLE
VCC
ALERT4
GPI01
GPI02
ADR0
ALERT2
SCL2
SDA2
ALERT3
ALERT1
SDA1
SCL1
SCL4
SDA4
READY
ADR2
ADR1
8
9
TOP VIEW
25
UFD PACKAGE
24-LEAD (4mm
× 5mm) PLASTIC QFN
10 11 12
24 23 22 21 20
6
5
4
3
2
1
ALERT
SDAIN
GND
SCLIN
ENABLE
VCC
ALERT4
ALERT3
ALERT1
SDA1
SCL1
SCL4
SDA4
READY
7
14
15
16
17
18
19
13
ABSOLUTE
AXI U
RATI GS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
The
● denotes specifications which apply over the full specified temperature
range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply/Start-Up
VCC
Input Supply Range
●
2.7
5.5
V
ICC
Input Supply Current
Downstream Connected, SCL Bus Low,
●
5.2
8
mA
SDA Bus High, VCC = 5.5V
ICC ENABLE = 0V
Input Supply Current
VENABLE = 0V, VCC = 5.5V
●
1.25
2.5
mA
VUVLOU
UVLO Upper Threshold Voltage
●
2.3
2.5
2.7
V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com