Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4306 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4306
Description  4-Channel, 2-Wire Bus Multiplexer with Capacitance Buffering
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4306 Datasheet(HTML) 4 Page - Linear Technology

  LTC4306 Datasheet HTML 1Page - Linear Technology LTC4306 Datasheet HTML 2Page - Linear Technology LTC4306 Datasheet HTML 3Page - Linear Technology LTC4306 Datasheet HTML 4Page - Linear Technology LTC4306 Datasheet HTML 5Page - Linear Technology LTC4306 Datasheet HTML 6Page - Linear Technology LTC4306 Datasheet HTML 7Page - Linear Technology LTC4306 Datasheet HTML 8Page - Linear Technology LTC4306 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC4306
4306f
4
The
● denotes specifications which apply over the full specified temperature
range, otherwise specifications are at TA = 25°C. VCC = 3.3V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Guaranteed by design and not subject to test.
Note 3: The boosted pull-up currents are regulated to prevent excessively
fast edges for light loads. See the Typical Performance Characteristics for
rise time as a function of VCC and parasitic bus capacitance CBUS and for
IBOOST as a function of VCC and temperature.
Note 4: When a logic low voltage, VLOW, is forced on one side of the
Upstream-Downstream Buffers, the voltage on the other side is regulated
to a voltage VLOW2 = VLOW + VOS, where VOS is a positive offset voltage.
VOS,UP-BUF is the offset voltage when the LTC4306 is driving the upstream
pin (e.g., SDAIN) and VOS,DOWN-BUF is the offset voltage when the
LTC4306 is driving the downstream pin (e.g., SDA1). See the Typical
Performance Characteristics for VOS,UP-BUF and VOS,DOWN-BUF as a
function of VCC and bus pull-up current.
Note 5: When floating, the ADR0-ADR2 pins can tolerate pin leakage
currents up to IADR(FLOAT) and still convert the address correctly.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VALERT1-4(IN)
ALERT1-ALERT4 Pin Input Falling
●
0.8
1.0
1.2
V
Threshold Voltages
VALERT1-4(HY)
ALERT1-ALERT4 Pin Input Threshold
80
mV
Hysteresis Voltages
I2C Interface
VADR(H)
ADR0-2 Input High Voltage
●
0.75 • VCC 0.9 • VCC
V
VADR(L)
ADR0-2 Input Low Voltage
●
0.1 • VCC 0.25 • VCC
V
IADR(IN, L)
ADR0-2 Logic Low Input Current
ADR0-2 = 0V, VCC = 5.5V
●
–30
–60
–80
µA
IADR(FLOAT)
ADRO-2 Allowed Input Current
VCC = 2.7V, 5.5V (Note 5)
●
±5
±13
µA
IADR(IN, H)
ADR0-2 Logic High Input Current
ADR0-2 = VCC = 5.5V
●
30
60
80
µA
VSDAIN,SCLIN(TH) SDAIN, SCLIN Input Falling Threshold
VCC = 5.5V
●
1.4
1.6
1.8
V
Voltages
VSDAIN,SCLIN(HY) SDAIN, SCLIN Hysteresis
30
mV
ISDAIN,SCLIN(OH) SDAIN, SCLIN Input Current
SCL, SDA = VCC
●
0
±5
µA
CIN
SDA, SCL Input Capacitance
(Note 2)
6
pF
VSDAIN(OL)
SDAIN Output Low Voltage
ISDA = 4mA, VCC = 2.7V
●
0.2
0.4
V
I2C Interface Timing
fSCL
Maximum SCL Clock Frequency
(Note 2)
400
kHz
tBUF
Bus Free Time Between Stop/Start Condition
(Note 2)
0.75
1.3
µs
tHD,STA
Hold Time After (Repeated) Start Condition
(Note 2)
45
100
ns
tSU,STA
Repeated Start Condition Set-up Time
(Note 2)
–30
0
ns
tSU,STO
Stop Condition Set-up Time
(Note 2)
–30
0
ns
tHD,DATI
Data Hold Time Input
(Note 2)
–25
0
ns
tHD,DATO
Data Hold Time Output
(Note 2)
300
600
900
ns
tSU,DAT
Data Set-up Time
(Note 2)
50
100
ns
tf
SCL, SDA Fall Times
(Note 2)
20 + 0.1
•
300
ns
CBUS
tSP
Pulse Width of Spikes Suppressed by the
(Note 2)
50
150
250
ns
Input Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com