Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4308 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4308
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology LTC4308 Datasheet HTML 10Page - Linear Technology LTC4308 Datasheet HTML 11Page - Linear Technology LTC4308 Datasheet HTML 12Page - Linear Technology LTC4308 Datasheet HTML 13Page - Linear Technology LTC4308 Datasheet HTML 14Page - Linear Technology LTC4308 Datasheet HTML 15Page - Linear Technology LTC4308 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4308
13
4308f
Figure 5. The LTC4308 in an Application Where All the Pins Have the Same Length.
Figure 4. The LTC4308 in an Application with Staggered Connectors.
APPLICATIONS INFORMATION
LOW VOLTAGE PERIPHERAL I/O CARD 1
CARD
CONNECTORS
BACKPLANE
CONNECTOR
MIXED VOLTAGE BACKPLANE
R3
10k
R2
10k
R1
10k
3.3V
1V
ENAn
SDA
SCL
READY
ENA1
LOW VOLTAGE PERIPHERAL I/O CARD N
4308 F03
C1
0.01μF
1V
R4
2.7k
R6
10k
C2
0.01μF
SDAOUT
SCLOUT
READY
ENABLE
SDAIN
SCLIN
VCC
GND
LTC4308
R5
2.7k
CARD1_SDA
CARD1_SCL
C3
0.01μF
1V
R7
2.7k
R9
10k
C4
0.01μF
SDAOUT
SCLOUT
READY
ENABLE
SDAIN
SCLIN
VCC
GND
LTC4308
R8
2.7k
CARDn_SDA
CARDn_SCL
•
•
•
LOW VOLTAGE PERIPHERAL I/O CARD 1
CARD
CONNECTORS
BACKPLANE
CONNECTOR
MIXED VOLTAGE BACKPLANE
R3
10k
R2
10k
R1
10k
3.3V
1V
ENAn
SDA
SCL
READY
ENA1
LOW VOLTAGE PERIPHERAL I/O CARD N
4308 F04
C1
0.01μF
1V
R4
2.7k
R6
10k
C2
0.01μF
SDAOUT
SCLOUT
READY
ENABLE
SDAIN
SCLIN
VCC
GND
LTC4308
R5
2.7k
CARD1_SDA
CARD1_SCL
C3
0.01μF
1V
R7
2.7k
R9
10k
C4
0.01μF
SDAOUT
SCLOUT
READY
ENABLE
SDAIN
SCLIN
VCC
GND
LTC4308
R8
2.7k
CARDn_SDA
CARDn_SCL
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com