Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4308 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4308
Description  Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4308 Datasheet(HTML) 2 Page - Linear Technology

  LTC4308 Datasheet HTML 1Page - Linear Technology LTC4308 Datasheet HTML 2Page - Linear Technology LTC4308 Datasheet HTML 3Page - Linear Technology LTC4308 Datasheet HTML 4Page - Linear Technology LTC4308 Datasheet HTML 5Page - Linear Technology LTC4308 Datasheet HTML 6Page - Linear Technology LTC4308 Datasheet HTML 7Page - Linear Technology LTC4308 Datasheet HTML 8Page - Linear Technology LTC4308 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC4308
2
4308f
VCC to GND ................................................. –0.3V to 6V
SDAIN, SCLIN, SDAOUT, SCLOUT,
READY, ENABLE.......................................... –0.3V to 6V
Maximum Sink Current (SDAIN, SCLIN, SDAOUT,
SCLOUT, READY) .............................................. 50mA
Operating Temperature Range
LTC4308C ................................................ 0°C to 70°C
LTC4308I..............................................–40°C to 85°C
(Notes 1, 7)
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Positive Supply Voltage
l
2.3
5.5
V
ICC
Supply Current
VCC = 5.5V, VSCLOUT = VSDAOUT = 0V (Note 6)
l
711
mA
ISD
Shutdown Supply Current
VCC = 5.5V, ENABLE = 0V
l
900
1400
μA
VPRE
Precharge Voltage
SDAOUT, SCLOUT Open
l
0.8
1
1.2
V
Storage Temperature Range
DFN....................................................– 65°C to 125°C
MSOP ................................................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP ............................................................... 300°C
ORDER INFORMATION
TOP VIEW
9
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
ENABLE
SCLOUT
SCLIN
GND
VCC
SDAOUT
SDAIN
READY
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD (PIN 9) CONNECTION TO GROUND IS OPTIONAL
1
2
3
4
ENABLE
SCLOUT
SCLIN
GND
8
7
6
5
VCC
SDAOUT
SDAIN
READY
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 200°C/W
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4308CDD#PBF
LTC4308CDD#TRPBF
LBTT
8-Lead (3mm × 3mm) Plastic DFN
0°C to 70°C
LTC4308IDD#PBF
LTC4308IDD#TRPBF
LBTT
8-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC4308CMS8#PBF
LTC4308CMS8#TRPBF
LTBTS
8-Lead Plastic MSOP
0°C to 70°C
LTC4308IMS8#PBF
LTC4308IMS8#TRPBF
LTBTS
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ABSOLUTE MAXIMUM RATINGS
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com