Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4352 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4352
Description  Low Voltage Ideal Diode Controller with Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 4 Page - Linear Technology

  LTC4352 Datasheet HTML 1Page - Linear Technology LTC4352 Datasheet HTML 2Page - Linear Technology LTC4352 Datasheet HTML 3Page - Linear Technology LTC4352 Datasheet HTML 4Page - Linear Technology LTC4352 Datasheet HTML 5Page - Linear Technology LTC4352 Datasheet HTML 6Page - Linear Technology LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4352
4
4352f
TYPICAL PERFORMANCE CHARACTERISTICS
OUT Current vs Voltage
CPO Voltage vs Current
GATE Voltage vs Current
STATUS, FAULT Output Low
Voltage vs Current
STATUS, FAULT Output High
Voltage vs Current
VIN Current vs Voltage
VIN Current vs Voltage with
External VCC
VCC Current vs Voltage
TA = 25°C, VIN = 12V, VSOURCE = VIN, VOUT = VIN,
VCC Open, unless otherwise noted.
VIN (V)
0
0
0.4
0.8
1.6
3
69
12
4352 G01
15
18
1.2
VIN (V)
0
–50
50
0
100
150
300
1
23
4
4352 G02
5
250
200
VCC = 5V
VCC (V)
0
0
0.50
0.25
0.75
1.00
1.50
1
23
4
4352 G03
6
5
1.25
VIN = 0V
VOUT (V)
0
–50
100
50
0
150
200
300
3
69
12
4352 G04
18
15
250
ICPO (μA)
0
–1
2
1
0
3
4
7
–20
–40
–60
–80
4352 G05
–120
–100
5
6
VIN = 2.9V
VIN = 18V
IGATE (μA)
0
–1
2
1
0
3
4
7
–20
–40
–60
–80
4352 G06
–120
–100
5
6
VIN = 2.9V
VIN = 18V
VOUT = VIN – 0.1V
CURRENT (mA)
0
0
0.6
0.4
0.2
1
0.8
1
23
4
4352 G07
5
CURRENT (μA)
0
0
2.5
2.0
1.5
1.0
0.5
4.0
3.0
3.5
–2
–4
–6
–8
4352 G08
–10
–12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com