Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4352 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4352
Description  Low Voltage Ideal Diode Controller with Monitoring
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 1 Page - Linear Technology

  LTC4352 Datasheet HTML 1Page - Linear Technology LTC4352 Datasheet HTML 2Page - Linear Technology LTC4352 Datasheet HTML 3Page - Linear Technology LTC4352 Datasheet HTML 4Page - Linear Technology LTC4352 Datasheet HTML 5Page - Linear Technology LTC4352 Datasheet HTML 6Page - Linear Technology LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4352
1
4352f
TYPICAL APPLICATION
DESCRIPTION
Low Voltage Ideal Diode
Controller with Monitoring
The LTC®4352 creates a near-ideal diode using an external
N-channel MOSFET. It replaces a high power Schottky
diode and the associated heat sink, saving power and
board area. The ideal diode function permits low loss
power ORing and supply holdup applications.
The LTC4352 regulates the forward voltage drop across
the MOSFET to ensure smooth current transfer in diode-OR
applications. A fast turn-on reduces the load voltage droop
during supply switch-over. If the input supply fails or is
shorted, a fast turn-off minimizes reverse currents.
The controller operates with supplies from 2.9V to 18V.
For lower voltages, an external supply is needed at the
VCC pin. Power passage is disabled during undervoltage
or overvoltage conditions. The controller also features an
open MOSFET detect circuit that flags excessive voltage
drop across the pass transistor in the on state. A REV pin
enables reverse current, overriding the diode behavior
when desired.
2.9V to 18V Ideal Diode
FEATURES
APPLICATIONS
n Low Loss Replacement for Power Diode
n Controls N-Channel MOSFET
n 0V to 18V Supply ORing or Holdup
n 0.5μs Turn-On and Turn-Off Time
n Undervoltage and Overvoltage Protection
n Open MOSFET Detect
n Status and Fault Outputs
n Hot Swappable
n Reverse Current Enable Input
n 12-Pin MSOP and DFN (3mm × 3mm) Packages
n Redundant Power Supplies
n Supply Holdup
n Telecom Infrastructure
n Computer Systems and Servers
VCC
UV
OV
REV
LTC4352
STATUS
FAULT
MOSFET ON
STATUS
0.1μF*
TO LOAD
2.9V TO 18V
Si7336ADP
*OPTIONAL
FAULT
0.1μF
4352 TA01
CPO
VIN
SOURCE
GATE
GND
OUT
Power Dissipation vs Load Current
LOAD CURRENT (A)
0
0
2.5
2.0
1.5
1.0
0.5
4.0
3.0
3.5
2
46
8
4352 TA01b
10
DIODE (SBG1025L)
MOSFET (Si7336ADP)
POWER
SAVED
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4352

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4352 LINER-LTC4352 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC4352 LINER-LTC4352 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4352 LINER-LTC4352 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
logo
Linear Integrated Syste...
LTC4352 LINEAR-LTC4352 Datasheet
241Kb / 26P
Surge Stopper
logo
Linear Technology
LTC4352 LINER-LTC4352 Datasheet
496Kb / 22P
Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4352

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4357 LINER-LTC4357 Datasheet
146Kb / 12P
Positive High Voltage Ideal Diode Controller
logo
Maxim Integrated Produc...
MAX5968 MAXIM-MAX5968 Datasheet
1Mb / 26P
Circuit-Breaker and Ideal Diode Controller with Digital Monitoring Functions
19-5115; Rev 1; 2/10
logo
Linear Technology
LTC4352CDDPBF LINER-LTC4352CDDPBF Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LTC4357 LINER-LTC4357_15 Datasheet
793Kb / 14P
Positive High Voltage Ideal Diode Controller
LTC4352 LINER-LTC4352_15 Datasheet
228Kb / 16P
Low Voltage Ideal Diode Controller with Monitoring
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
logo
Texas Instruments
LM74700-EP TI-LM74700-EP Datasheet
2Mb / 32P
LM74700-EP Low IQ Ideal Diode Controller
SNOSDD6 ??SEPTEMBER 2021
logo
Analog Devices
LT8673 AD-LT8673 Datasheet
243Kb / 2P
Active Rectifier Controller with Voltage Monitoring
Rev Sp0
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
Ideal Diode NMOS Controller
October, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com