Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4309IGN-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4309IGN-TRPBF
Description  Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309IGN-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4309IGN-TRPBF Datasheet HTML 3Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 4Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 5Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 6Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 7Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 8Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 9Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 10Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4309
7
4309fa
4309 BD
+
–
+
–
+
–
+
–
+
–
95μs
DELAY
LOGIC
30ms
TIMER
100k
100k
100k
100k
PC CONNECT
CONNECT
GND
READY
FAULT
SCLOUT
SDAOUT
VCC
ENABLE
DISCEN
ACC
SCLIN
SDAIN
VCC2
CONNECT
UVLO
1.4V/1.3V
1.65V/1.6V
1.35V/1.3V
1.65V/1.6V
1.35V/1.3V
1.65V/1.6V
1.35V/1.3V
1.65V/1.6V
1.35V/1.3V
PC
CONNECT
CONNECT
CONNECT
PC
CONNECT
SLEW RATE
DETECTOR
SLEW RATE
DETECTOR
SLEW RATE
DETECTOR
SLEW RATE
DETECTOR
IBOOSTSCL
IBOOSTSDA
PRECHARGE
8mA
VCC
IBOOSTSDA
8mA
VCC
IBOOSTSCL
8mA
VCC2
IBOOSTSDA
8mA
VCC2
IBOOSTSCL
VCC (Pin 12/Pin 16): Supply Voltage Input. Bypass this
pin to GND with a capacitor of at least 0.01μF and place
close to VCC for best results.
EXPOSED PAD (Pin 13 DE12 Package Only): Exposed Pad
may be left open or connected to device ground.
(DE12/GN16)
PIN FUNCTIONS
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com