Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4309IGN-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4309IGN-TRPBF
Description  Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4309IGN-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4309IGN-TRPBF Datasheet HTML 1Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 2Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 3Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 4Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 5Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 6Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 7Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 8Page - Linear Technology LTC4309IGN-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4309
1
4309fa
The LTC®4309 hot swappable 2-wire bus buffer allows
I/O card insertion into a live backplane without corrup-
tion of the data and clock busses. The LTC4309 provides
bidirectional buffering, keeping the backplane and card
capacitances isolated. Low offset and high VOL tolerance
allows cascading of multiple devices on the clock and data
busses. If SDAOUT or SCLOUT are low for 30ms, FAULT
will pull low indicating a stuck bus low condition. If DISCEN
is tied high, the LTC4309 will automatically break the bus
connection and generate up to 16 clock pulses and a stop
bit in an attempt to free the bus. A connection will resume
if the stuck bus is cleared. If DISCEN is connected to GND,
the busses will remain connected with no clock or stop
bit generation. ACC input enables rise-time accelerators
for high capacitively loaded busses.
During insertion, the SDA and SCL lines are precharged to
1V to minimize bus disturbances. When driven high, the
ENABLE input allows the LTC4309 to connect after a stop
bit or bus idle. Driving ENABLE low breaks the connection
between SDAIN and SDAOUT, SCLIN and SCLOUT. READY
is an open drain output which indicates that the backplane
and card sides are connected.
Level Shifting Low Offset Hot
Swappable 2-Wire Bus Buffer
with Stuck Bus Recovery
n Live Board Insertion
n Servers
n Capacitance Buffer/Bus Extender
n RAID Systems
n ATCA
n Bidirectional Buffer Increases Fanout
n 60mV Buffer Offset Independent of Load
n Optional Disconnect when Bus is Stuck Low
n Prevents SDA and SCL Corruption During Live
Board Insertion and Removal from Backplane
n Level Shift 2.5V, 3.3V and 5V Busses
n Compatible with Non-Compliant VOL I2C Devices
n ±6kV Human Body Model ESD Ruggedness
n Isolates Input SDA and SCL Lines from Output
n Compatible with I2C™, I2C Fast-Mode and SMBus
n READY Open Drain Output
n
FAULT Open Drain Output
n 1V Precharge on All SDA and SCL Lines
n Optional Rise Time Accelerators
n High Impedance SDA, SCL Pins for VCC = 0
n Available in Small 12-Pin DFN (4mm x 3mm) and
16-Lead SSOP Packages
Rising Edge from Asserted Low
4309 TA01
ENABLE
EN
SCLIN
SDAIN
SCL1
SDA1
FAULT
ACC
VCC
GND
SCLOUT
SDAOUT
SCL2
SDA2
LTC4309
READY
3.3V
5V
3.3V
3.3V
10k
10k
10k
2.7k
2.7k
10k
ENABLE
VCC2
VCC2
SCLIN
CARD
CONNECTOR
BACKPLANE
CONNECTOR
SDAIN
FAULT
ACC
VCC
GND
SCLOUT
SDAOUT
LTC4309
READY
5V
5V
10k
100k
10k
10k
0.01μF
0.01μF
10k
FAULT
FAULT
DISCEN
DISCEN
100ns/DIV
0
0
200
400
600
800
1000
100
200
300
400
4309 G01
500
600
SDAOUT
SDAIN
LOW
OFFSET
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners. Protected by U.S. Patents including
6356140, 6650174, 7032051.


Similar Part No. - LTC4309IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4309 LINER-LTC4309 Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4309 LINER-LTC4309 Datasheet
294Kb / 20P
2-Wire Bus Buffers with High Noise Margin
LTC4309 LINER-LTC4309 Datasheet
208Kb / 20P
Pin-Selectable, 4-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4309 LINER-LTC4309 Datasheet
281Kb / 20P
2-Wire Bus Buffer with High Noise Margin
LTC4309 LINER-LTC4309 Datasheet
228Kb / 16P
Dual I2C/SMBus Address Translator
More results

Similar Description - LTC4309IGN-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304 Datasheet
644Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307 Datasheet
171Kb / 16P
Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Dimensions Semic...
LTC4303CMS8PBF LINEAR_DIMENSIONS-LTC4303CMS8PBF Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
logo
Linear Technology
LTC4303 LINER-LTC4303_15 Datasheet
555Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4307 LINER-LTC4307_15 Datasheet
182Kb / 16P
Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com