Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907CS6 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6907CS6
Description  Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907CS6 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6907CS6 Datasheet HTML 4Page - Linear Technology LTC6907CS6 Datasheet HTML 5Page - Linear Technology LTC6907CS6 Datasheet HTML 6Page - Linear Technology LTC6907CS6 Datasheet HTML 7Page - Linear Technology LTC6907CS6 Datasheet HTML 8Page - Linear Technology LTC6907CS6 Datasheet HTML 9Page - Linear Technology LTC6907CS6 Datasheet HTML 10Page - Linear Technology LTC6907CS6 Datasheet HTML 11Page - Linear Technology LTC6907CS6 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC6907
6907fa
RSET (kΩ)
10
100
1000
6907 F08
100
140
60
80
120
160
40
20
0
ISUPPLY
CLOAD = 0
V+ = 3V
DIV = –1
TA = 25°C
:
Guarding Against PC Board Leakage
The LTC6907 uses relatively large resistance values for
RSET to minimize power consumption. For RSET = 500k,
the SET pin current is typically only 13
µA. Thus, only 13nA
leaking into the SET pin causes a 0.1% frequency error.
Similarly, 500M of leakage resistance across RSET
(1000 • RSET) causes the same 0.1% error.
Achieving the highest accuracy requires controlling po-
tential leakage paths. PC board leakage is aggravated by
both dirt and moisture. Effective cleaning is a good first
step to minimizing leakage.
Another effective method for controlling leakage is to shunt
the leakage current away from the sensitive node through
a low impedance path. The LTC6907 provides a signal on
the GRD pin for this purpose. Figure 10 shows a PC board
APPLICATIO S I FOR ATIO
Selecting RSET and the Divider Ratio
The LTC6907 contains a master oscillator followed by a
digital divider (see Block Diagram). RSET determines the
master oscillator frequency and the three level DIV pin sets
the divider ratio, N. The range of frequencies accessible in
each divider ratio overlap, as shown in Figure 7. This
figure is derived from the equations in Table 1.
For any
given frequency, power can be minimized by minimiz-
ing the master oscillator frequency. This implies maxi-
mizing RSET and using the lowest possible divider ratio,
N. The relationship between RSET, N and the unloaded
power consumption is shown in Figure 8. The supply
current decreases for large values of RSET. Refer to the
section titled “Jitter and Divide Ratio.”
Minimizing Power Consumption
The supply current of the LTC6907 has four current
components:
• Constant (Independent V+,
ƒOUT and CLOAD)
• Proportional to ISET (which is the current in RSET)
• Proportional to V+,
ƒOUT and CLOAD
• Proportional to V+ and RLOAD
An approximate expression for the total supply current is:
IA
I
V
C
pF
V
R
SET
OUT
LOAD
LOAD
++
+
≅ µ+
+
+
()+
76
5
2
••
•
•
ƒ
o
or in terms of V
IA
V
R
V
SET
SET
SET
OUT
,,
••
++
≅ µ+
+
76
ƒ
••
•
CpF
V
R
LOAD
LOAD
+
()+
+
5
2
VSET is approximately 650mV at 25°C, but varies with
temperature. This behavior is shown in the Typical Perfor-
mance Characteristics.
Power can be minimized by maximizing RSET, minimizing
the load on the OUT pin and operating at lower frequen-
cies. Figure 9 shows total supply current vs frequency
under typical conditions. Below 100kHz the load current is
negligible for the 5pF load shown.
Figure 7. RSET vs Desired Output Frequency
Figure 8. Unloaded Supply Current vs RSET
RSET (kΩ)
10
10
100
1000
10000
100
1000
6907 F07
÷1
÷3
÷10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com